Electronic Components Datasheet Search
  English  ▼

X  

CL-PD6722 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CL-PD6722
Description  ISA-TOOPC-CARD HOST ADAPTERS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-PD6722 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CL-PD6722 Datasheet HTML 31Page - Cirrus Logic CL-PD6722 Datasheet HTML 32Page - Cirrus Logic CL-PD6722 Datasheet HTML 33Page - Cirrus Logic CL-PD6722 Datasheet HTML 34Page - Cirrus Logic CL-PD6722 Datasheet HTML 35Page - Cirrus Logic CL-PD6722 Datasheet HTML 36Page - Cirrus Logic CL-PD6722 Datasheet HTML 37Page - Cirrus Logic CL-PD6722 Datasheet HTML 38Page - Cirrus Logic CL-PD6722 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 128 page
background image
CL-PD6710/’22
ISA–to–PC-Card Host Adapters
May 1997
35
PRELIMINARY DATA SHEET v3.1
OPERATION REGISTERS
a Socket B is available on the dual-socket CL-PD6722.
b This register affects both sockets (it is not specific to either socket).
c These registers are not available on the CL-PD6710.
ATA Control
26h
66h
Chapter 9:
Extension
64
Scratchpad
27h
67h
–
–
System Memory Map 3 Start Address Low
28h
68h
Chapter 8:
Memory Window
Mapping
53
System Memory Map 3 Start Address High
29h
69h
54
System Memory Map 3 End Address Low
2Ah
6Ah
54
System Memory Map 3 End Address High
2Bh
6Bh
55
Card Memory Map 3 Offset Address Low
2Ch
6Ch
56
Card Memory Map 3 Offset Address High
2Dh
6Dh
56
Extended Index:c
Scratchpad
Data Mask 0
Data Mask 1
Extension Control 1 (formerly DMA
Control)
Maximum DMA Acknowledge Delay
Reserved
External Data
Extension Control 2
2Eh
6Eh
Chapter 9:
Extension
65
Extended index 00h
Extended index 01h
Extended index 02h
Extended index 03h
Extended index 04h
Extended index 05h–09h
Extended index 0Ah
Extended index 0Bh
–
65
66
66
67
–
69
71
Extended Data
2Fh
6Fh
65
System Memory Map 4 Start Address Low
30h
70h
Chapter 8:
Memory Window
Mapping
53
System Memory Map 4 Start Address High
31h
71h
54
System Memory Map 4 End Address Low
32h
72h
54
System Memory Map 4 End Address High
33h
73h
55
Card Memory Map 4 Offset Address Low
34h
74h
56
Card Memory Map 4 Offset Address High
35h
75h
56
Card I/O Map 0 Offset Address Low
36h
76h
Chapter 7:
I/O Window
Mapping
52
Card I/O Map 0 Offset Address High
37h
77h
52
Card I/O Map 1 Offset Address Low
38h
78h
52
Card I/O Map 1 Offset Address High
39h
79h
52
Setup Timing 0
3Ah
7Ah
Chapter 10:
Timing
72
Command Timing 0
3Bh
7Bh
73
Recovery Timing 0
3Ch
7Ch
74
Setup Timing 1
3Dh
7Dh
72
Command Timing 1
3Eh
7Eh
73
Recovery Timing 1
3Fh
7Fh
74
Table 5-1.
Index Registers (cont.)
Register Name
Index Value
Chapter
Page
Number
Socket A
Socket Ba



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com