Electronic Components Datasheet Search
  English  ▼

X  

CL-PD6722 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CL-PD6722
Description  ISA-TOOPC-CARD HOST ADAPTERS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-PD6722 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CL-PD6722 Datasheet HTML 13Page - Cirrus Logic CL-PD6722 Datasheet HTML 14Page - Cirrus Logic CL-PD6722 Datasheet HTML 15Page - Cirrus Logic CL-PD6722 Datasheet HTML 16Page - Cirrus Logic CL-PD6722 Datasheet HTML 17Page - Cirrus Logic CL-PD6722 Datasheet HTML 18Page - Cirrus Logic CL-PD6722 Datasheet HTML 19Page - Cirrus Logic CL-PD6722 Datasheet HTML 20Page - Cirrus Logic CL-PD6722 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 128 page
background image
CL-PD6710/’22
ISA–to–PC-Card Host Adapters
May 1997
17
PRELIMINARY DATA SHEET v3.1
PIN INFORMATION
-WE
Write Enable: For non-DMA transfers,
this signal goes active (low) to indicate
a memory write to the socket.
During a DMA read (when -IOWR is
active), this signal goes low if the ISA
output TC is active (high), indicating to
the card that the system’s terminal
count signal is active. During DMA
writes (when -IORD is active), this out-
put remains high.
37
37
99
1
O-TS
2 or 3
2 mA
-IORD
I/O Read: This output is driven low for
I/O reads from the socket.
28
26
90
1
O-TS
2 or 3
2 mA
-IOWR
I/O Write: This output is driven low for
I/O writes to the socket.
30
29
92
1
O-TS
2 or 3
2 mA
WP/
-IOIS16 †
Write Protect / I/O Is 16-Bit: In Mem-
ory Card Interface mode (Interrupt and
General Control register, bit 5 is equal
to ‘0’), this input is the status of the PC
card write protect switch.
In I/O Card Interface mode, a low on
this input indicates that the I/O
address being accessed is capable of
16-bit operation.
In DMA mode, this pin can be pro-
grammed as the -DREQ input from a
DMA-capable PC Card.
69
68
131
1
I-PU
2 or 3
–
-INPACK †
Input Acknowledge: This input indi-
cates to the CL-PD67XX that the PC
Card supports I/O access at the cur-
rent address. A PC Card activates this
input during IORD cycles to which the
card can respond.
In DMA mode, this pin can be pro-
grammed as the -DREQ input from a
DMA-capable PC Card.
57
56
119
1
I-PU
2 or 3
–
RDY/
-IREQ †
Ready / Interrupt Request: In Mem-
ory Card Interface mode, this input is
readable as the status of bit 5 of the
Interface Status register, which is
used by a PC Card to signal system
software of its ready or busy state.
In I/O Card Interface mode, this active-
low input indicates an interr upt
request.
39
39
101
1
I-PU
2 or 3
–
Table 2-2.
Socket Interface Pins (cont.)
Pin Name1
Description2
Pin Number
Qty
.
I/O
Pwr.
Drive
CL-PD6710
CL-PD6722
Socket A
Socket B
1 To differentiate the sockets, all CL-PD6722 pin names have either A_ or B_ prepended to the pin names indicated. For
example, A_A[25:0] and B_A[25:0] are the independent address buses to the sockets.
2 When a socket is configured as an ATA drive interface, socket interface pin functions change. See Table 11-1 on page 75.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com