Electronic Components Datasheet Search
  English  ▼

X  

CL-PD6722 Datasheet(PDF) 86 Page - Cirrus Logic

Part # CL-PD6722
Description  ISA-TOOPC-CARD HOST ADAPTERS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-PD6722 Datasheet(HTML) 86 Page - Cirrus Logic

Back Button CL-PD6722 Datasheet HTML 82Page - Cirrus Logic CL-PD6722 Datasheet HTML 83Page - Cirrus Logic CL-PD6722 Datasheet HTML 84Page - Cirrus Logic CL-PD6722 Datasheet HTML 85Page - Cirrus Logic CL-PD6722 Datasheet HTML 86Page - Cirrus Logic CL-PD6722 Datasheet HTML 87Page - Cirrus Logic CL-PD6722 Datasheet HTML 88Page - Cirrus Logic CL-PD6722 Datasheet HTML 89Page - Cirrus Logic CL-PD6722 Datasheet HTML 90Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 128 page
background image
PRELIMINARY DATA SHEET v3.1
CL-PD6710/’22
ISA–to–PC-Card Host Adapters
May 1997
86
DMA OPERATION (CL-PD6722 only)
14.4.2
Configuring the Socket Interface for I/O
For DMA support, bit 5 of the Interrupt and General Control register must be set to ‘1’ to put the card
interface in I/O Card Interface mode.
14.4.3
Preventing Dual Interpretation of DMA Handshake Signals
If the WP/-IOIS16 pin is being used as the DMA request line, the following should be considered:
1) Bit 4 of the Interface Status register is now the level of the DMA request line from the card.
2) Bit 5 of the socket’s two I/O Window Control registers should be set to ‘0’.
If a socket’s BVD2/-SPKR pin is being used as the DMA request line, speaker or LED output from that
socket is not available.
If -INPACK is selected as the DMA request input, then bit 7 of the Misc Control 1 register should be set
to ‘0’ to disable use of this signal as input acknowledge control.
No other register bits require special settings to accommodate DMA support on a socket interface.
14.4.4
Turning On DMA System
The DMA System bit (bit 6 of the Misc Control 2 register) should be programmed to ‘1’ to allow DMA
operation and to redefine ISA bus interface pins for DMA support as in Figure 14-1.
14.5 The DMA Transfer Process
As soon as the selected DMA request input from the card becomes active (low) and the FIFO empties,
IRQ10 becomes active (high), signifying a DMA request to the system. The system then responds with
an active (low) -DACK at IRQ9, which enables the CL-PD6722 to decode any ISA bus DMA transfers that
may occur and perform the corresponding transfers at the card. Normal card I/O or memory reads or
writes may be interspersed with DMA read and write cycles.
14.6 Terminal Count to Card at Conclusion of Transfer
At the conclusion of each transfer process, systems send active (high) TC (terminal count) pulses to the
-VPP_VALID pin during the last DMA cycles to the CL-PD6722.
For a DMA write cycle, TC active is signaled at the socket interface as the -OE pin going low during DMA-
type read cycles from the PC Card.
For a DMA read cycle, TC active is signaled as the -WE pin going low during DMA-type write cycles to
the PC Card.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com