Electronic Components Datasheet Search
  English  ▼

X  

CL-PD6722 Datasheet(PDF) 45 Page - Cirrus Logic

Part # CL-PD6722
Description  ISA-TOOPC-CARD HOST ADAPTERS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-PD6722 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CL-PD6722 Datasheet HTML 41Page - Cirrus Logic CL-PD6722 Datasheet HTML 42Page - Cirrus Logic CL-PD6722 Datasheet HTML 43Page - Cirrus Logic CL-PD6722 Datasheet HTML 44Page - Cirrus Logic CL-PD6722 Datasheet HTML 45Page - Cirrus Logic CL-PD6722 Datasheet HTML 46Page - Cirrus Logic CL-PD6722 Datasheet HTML 47Page - Cirrus Logic CL-PD6722 Datasheet HTML 48Page - Cirrus Logic CL-PD6722 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 128 page
background image
CL-PD6710/’22
ISA–to–PC-Card Host Adapters
May 1997
45
PRELIMINARY DATA SHEET v3.1
CHIP CONTROL REGISTERS
6.6
Management Interrupt Configuration
This register controls which status changes may cause management interrupts and at which pin the man-
agement interrupts will appear.
Bit 0 — Battery Dead Or Status Change Enable
When this bit is ‘1’, a management interrupt will occur when the Card Status Change register’s
Battery Dead Or Status Change bit (see page 44) is ‘1’. This allows management interrupts to be
generated on changes in level of the BVD1/-STSCHG pin.
Bit 1 — Battery Warning Enable
When this bit is ‘1’, a management interrupt will occur when the Card Status Change register’s
Battery Warning Change bit (see page 44) is ‘1’. This bit is ignored when the card socket is in I/O
mode.
Bit 2 — Ready Enable
When this bit is ‘1’, a management interrupt will occur when the Card Status Change register’s
Ready Change bit (see page 44) is ‘1’.
Bit 3 — Card Detect Enable
When this bit is ‘1’, a management interrupt will occur when the Card Status Change register’s
Card Detect Change bit (see page 44) is ‘1’.
Register Name: Management Interrupt Configuration
Index: 05h
Register Per: socket
Register Compatibility Type: 365
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Management IRQ Select
Card Detect
Enable
Ready Enable
Battery
Warning
Enable
Battery Dead
Or Status
Change
Enable
RW:0000
RW:0
RW:0
RW:0
RW:0
0
Battery Dead Or Status Change management interrupt disabled.
1
If Battery Dead Or Status Change is ‘1’, a management interrupt will occur.
0
Battery Warning Change management interrupt disabled.
1
If Battery Warning Change is ‘1’, a management interrupt will occur.
0
Ready Change management interrupt disabled.
1
If Ready Change is ‘1’, a management interrupt will occur.
0
Card Detect Change management interrupt disabled.
1
If Card Detect Change is ‘1’, a management interrupt will occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com