Electronic Components Datasheet Search
  English  ▼

X  

CL-PD6722 Datasheet(PDF) 44 Page - Cirrus Logic

Part # CL-PD6722
Description  ISA-TOOPC-CARD HOST ADAPTERS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-PD6722 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CL-PD6722 Datasheet HTML 40Page - Cirrus Logic CL-PD6722 Datasheet HTML 41Page - Cirrus Logic CL-PD6722 Datasheet HTML 42Page - Cirrus Logic CL-PD6722 Datasheet HTML 43Page - Cirrus Logic CL-PD6722 Datasheet HTML 44Page - Cirrus Logic CL-PD6722 Datasheet HTML 45Page - Cirrus Logic CL-PD6722 Datasheet HTML 46Page - Cirrus Logic CL-PD6722 Datasheet HTML 47Page - Cirrus Logic CL-PD6722 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 128 page
background image
PRELIMINARY DATA SHEET v3.1
CL-PD6710/’22
ISA–to–PC-Card Host Adapters
May 1997
44
CHIP CONTROL REGISTERS
6.5
Card Status Change
This register indicates the source of a management interrupt generated by the CL-PD67XX.
NOTE: The corresponding bit in the Management Interrupt Configuration register must be set to ‘1’ to enable
each specific status change detection.
Bit 0 — Battery Dead Or Status Change
When the socket is configured for memory card support, this bit is set to ‘1’ when a BVD1 battery
dead high-to-low transition has been detected. When the socket is configured for I/O card support,
this bit is set to ‘1’ when the BVD1/-STSCHG pin (see page 19) changes from either high to low
or low to high. This bit is reset to ‘0’ whenever this register is read. In I/O Card Interface mode,
function of this bit is not affected by bit 7 of the Interrupt and General Control register.
Bit 1 — Battery Warning Change
When a socket is configured for memory card support, this bit is set to ‘1’ when a high-to-low tran-
sition on BVD2 occurs indicating a battery warning was detected. This bit should be ignored when
the socket is configured for I/O card support. This bit is reset to ‘0’ whenever this register is read.
Bit 2 — Ready Change
When this bit is ‘1’, a change has occurred in the card RDY/-IREQ pin (see page 17). This bit will
always read 0 when the card is configured as an I/O card. This bit is reset to ‘0’ whenever this reg-
ister is read.
Bit 3 — Card Detect Change
When this bit is ‘1’, a change has occurred on the -CD1 or -CD2 pins (see page 18). This bit is
reset to ‘0’ whenever this register is read.
Register Name: Card Status Change
Index: 04h
Register Per: socket
Register Compatibility Type: 365
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0000
Card Detect
Change
Ready
Change
Battery
Warning
Change
Battery Dead
Or Status
Change
R:0
R:0
R:0
R:0
R:0
R:0
R:0
R:0
0
A transition (from high to low for memory card support or either high to low or low to high for I/O card
support) on the BVD1/-STSCHG pin has not occurred since this register was last read.
1
A transition on the BVD1/-STSCHG pin has occurred.
0
A transition (from high to low) on the BVD2 pin has not occurred since this register was last read.
1
A transition on the BVD2 pin has occurred.
0
A transition on the RDY/-IREQ pin has not occurred since this register was last read.
1
A transition on the RDY/-IREQ pin has occurred.
0
A transition on the -CD1 or -CD2 pins has not occurred since this register was last read.
1
A transition on the -CD1 or -CD2 pins has occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com