Electronic Components Datasheet Search
  English  ▼

X  

CL-PD6722 Datasheet(PDF) 91 Page - Cirrus Logic

Part # CL-PD6722
Description  ISA-TOOPC-CARD HOST ADAPTERS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-PD6722 Datasheet(HTML) 91 Page - Cirrus Logic

Back Button CL-PD6722 Datasheet HTML 87Page - Cirrus Logic CL-PD6722 Datasheet HTML 88Page - Cirrus Logic CL-PD6722 Datasheet HTML 89Page - Cirrus Logic CL-PD6722 Datasheet HTML 90Page - Cirrus Logic CL-PD6722 Datasheet HTML 91Page - Cirrus Logic CL-PD6722 Datasheet HTML 92Page - Cirrus Logic CL-PD6722 Datasheet HTML 93Page - Cirrus Logic CL-PD6722 Datasheet HTML 94Page - Cirrus Logic CL-PD6722 Datasheet HTML 95Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 128 page
background image
CL-PD6710/’22
ISA–to–PC-Card Host Adapters
May 1997
91
PRELIMINARY DATA SHEET v3.1
ELECTRICAL SPECIFICATIONS
15.3 AC Timing Specifications
This section includes system timing requirements for the CL-PD67XX. Timings are provided in nanosec-
onds (ns), at TTL input levels, with the ambient temperature varying from 0
°C to 70°C, and V
CC varying
from 3.0 to 3.6 V or 4.5 to 5.5 V DC. The AT bus speed is 10 MHz unless otherwise noted. Note that an
asterisk (*) denotes an active-low signal for the ISA bus interface, and a dash (-) denotes an active-low
signal for the PC Card socket interface.
Additionally, the following statements are true for all timing information:
q
All timings assume a load of 50 pF.
q
TTL signals are measured at TTL threshold; CMOS signals are measured at CMOS threshold.
Table 15-6. List of AC Timing Specifications
Title
Page Number
Table 15-7. ISA Bus Timing
92
Table 15-8. Reset Timing
94
Table 15-9. Pulse Mode Interrupt Timing
95
Table 15-10. General-Purpose Strobe Timing
96
Table 15-11. Input Clock Specification
97
Table 15-12. Memory Read/Write Timing (Word Access)
99
Table 15-13. Word I/O Read/Write Timing
100
Table 15-14. PC Card Read/Write Timing when System Is 8-Bit
102
Table 15-15. Normal Byte Read/Write Timing
103
Table 15-16. 16-Bit System to 8-Bit I/O Card: Odd Byte Timing
104
Table 15-17. DMA Read Cycle Timing (CL-PD6722 only)
105
Table 15-18. DMA Write Cycle Timing (CL-PD6722 only)
107
Table 15-19. DMA Request Timing (CL-PD6722 only)
109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com