| Electronic Components Datasheet Search |
|
CL-PD6722 Datasheet(PDF) 83 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CL-PD6722 Datasheet(HTML) 83 Page - Cirrus Logic |
|
83 / 128 page ![]() CL-PD6710/’22 ISA–to–PC-Card Host Adapters May 1997 83 PRELIMINARY DATA SHEET v3.1 DMA OPERATION (CL-PD6722 only) 14. DMA OPERATION (CL-PD6722 only) 14.1 DMA Capabilities of the CL-PD6722 The CL-PD6722 include support of a DMA-capable PC Card slave and the movement of DMA data to/from the card with the ISA bus as a DMA master. Only one socket at a time should be enabled for DMA transfer because the ISA bus DMA handshake sig- nals are shared between both socket interfaces. DMA transfers to and from the DMA-capable PC Card may be 8- or 16-bit, as indicated by the size of the ISA bus DMA cycle.1 14.2 DMA-Type PC Card Cycles Transfer of DMA data to or from a card is achieved through use of a special DMA-type PC Card interface cycle. This cycle is defined to not conflict with standard PC Card memory or I/O cycles. A card that is DMA-capable can distinguish PC Card interface cycle types presented by the CL-PD6722 according to the following table: NOTE: Bits 7 and 6 of the Extension Control 1 register must be nonzero for Table 14-1 to be true; otherwise only standard PC Card cycles will be issued to the card. The PC Card address is also undefined during the DMA read or write cycle. Card DMA data read and write cycles transfer DMA data to or from a DMA-capable PC Card. These cycles are distinguished from normal card I/O cycles by the -REG signal being high during the cycle, which is an undefined condition in the PC Card Standard. 1 Transfer size at socket interface is the same as transfer size on an ISA bus. For 8-bit DMA transfers, connect CL-PD6722 DMA handshake signals to ISA bus DMA channels 0, 1, 2, or 3. For 16-bit transfers, connect CL-PD6722 DMA handshake signals to ISA bus DMA channels 5, 6, or 7. Table 14-1. Four Card Cycle Types for DMA-Type PC Card Interface Socket Interface Cycle Type Function of -WE/-OE Function of -IORD/-IOWR Function of -REG Card Memory Read/Write Data transfer signaling Always inactive high Always inactive high Attribute Memory Read/Write Data transfer signaling Always inactive high Always low Card I/O Read/Write Always inactive high Data transfer signaling Low = non-DMA I/O cycle Card DMA Data Read/Write Terminal count outputs Data transfer signaling High = DMA cycle |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |