Electronic Components Datasheet Search
  English  ▼

X  

CL-PD6722 Datasheet(PDF) 52 Page - Cirrus Logic

Part # CL-PD6722
Description  ISA-TOOPC-CARD HOST ADAPTERS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-PD6722 Datasheet(HTML) 52 Page - Cirrus Logic

Back Button CL-PD6722 Datasheet HTML 48Page - Cirrus Logic CL-PD6722 Datasheet HTML 49Page - Cirrus Logic CL-PD6722 Datasheet HTML 50Page - Cirrus Logic CL-PD6722 Datasheet HTML 51Page - Cirrus Logic CL-PD6722 Datasheet HTML 52Page - Cirrus Logic CL-PD6722 Datasheet HTML 53Page - Cirrus Logic CL-PD6722 Datasheet HTML 54Page - Cirrus Logic CL-PD6722 Datasheet HTML 55Page - Cirrus Logic CL-PD6722 Datasheet HTML 56Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 128 page
background image
PRELIMINARY DATA SHEET v3.1
CL-PD6710/’22
ISA–to–PC-Card Host Adapters
May 1997
52
I/O WINDOW MAPPING REGISTERS
7.6
Card I/O Map 0–1 Offset Address Low
There are two separate Card I/O Map Offset Address Low registers, each with identical fields. These reg-
isters are located at the following indexes:
Index
Card I/O Map Offset Address Low
36h
Card I/O Map 0 Offset Address Low
38h
Card I/O Map 1 Offset Address Low
Bits 7:1 — Offset Address 7:1
This register contains the least-significant byte of the quantity that will be added to the host I/O
address; this will determine the PC Card I/O map location where the I/O access will occur.
The most-significant byte is located in the Card I/O Map 0–1 Offset Address High register (see
page 52).
7.7
Card I/O Map 0–1 Offset Address High
There are two separate Card I/O Map Offset Address High registers, each with identical fields. These reg-
isters are located at the following indexes:
Index
Card I/O Map Offset Address High
37h
Card I/O Map 0 Offset Address High
39h
Card I/O Map 1 Offset Address High
Bits 15:8 — Offset Address 15:8
This register contains the most-significant byte of the Offset Address. See the description of the
End Address field associated with bits 7:1 of the Card I/O Map 0–1 Offset Address Low register
(see page 52).
a This bit must be programmed to ‘0’.
Register Name: Card I/O Map 0–1 Offset Address Low
Index: 36h, 38h
Register Per: socket
Register Compatibility Type: ext.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Offset Address 7:1
0 a
RW:0000000
RW:0
Register Name: Card I/O Map 0–1 Offset Address High
Index: 37h, 39h
Register Per: socket
Register Compatibility Type: ext.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Offset Address 15:8
RW:00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com