| Electronic Components Datasheet Search |
|
CL-PD6722 Datasheet(PDF) 1 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CL-PD6722 Datasheet(HTML) 1 Page - Cirrus Logic |
|
1 / 128 page ![]() CL-PD6710/’22 Preliminary Data Sheet ® May 1997 Version 3.1 OVERVIEW FEATURES s Single-chip PC Card host adapters s Direct connection to ISA (PC AT) bus and one or two PC Card sockets s Compliant with PC Card Standard, PCMCIA 2.1, and JEIDA 4.1 s 82365SL-compatible register set, ExCA ™-compatible s Automatic Low-Power Dynamic mode for lowest active power consumption s Programmable Suspend mode s Hardware-enabled Super Suspend mode s Five programmable memory windows per socket and two programmable I/O windows per socket s Programmable card access cycle timing s 8- or 16-bit system bus interface s 8- and 16-bit PC Card interface support s ATA disk interface support s DMA support (CL-PD6722) s Card-voltage sense support s PC Card activity indicator s Mixed-voltage operation (3.3/5.0 V) s Single-socket interface: 144-pin VQFP for smallest form factor (CL-PD6710) s Dual-socket interface: 208-pin PQFP or VQFP (CL-PD6722) The CL-PD6710 and CL-PD6722 are single-chip PC Card host adapter solutions capable of controlling one (CL-PD6710) or two (CL-PD6722) PC Card sockets.The chips are compliant with PC Card Stan- dard, PCMCIA 2.1, and JEIDA 4.1 and are optimized for use in notebook and handheld computers where reduced form factor and low power consumption are critical design objectives. With the CL-PD6710, a complete PC Card solution with power-control logic can occupy less than 1.5 square inches (excluding the socket connector). With the CL-PD6722, a com- plete dual-socket PC Card solution with power-con- trol logic can occupy less than 2 square inches (excluding socket connectors). The chips employ energy-efficient mixed-voltage technology that can reduce system power consump- tion by over 50 percent. The chips also provide: a Low-Power Dynamic mode, which automatically stops the internal clock during periods of card inac- tivity; a software-controlled Suspend mode, which dramatically reduces power by disabling most of the internal circuitry and stopping data transactions to the PC Cards; and a hardware-controlled Super Sus- pend mode, which reduces current to the µA range. ISA–to–PC-Card Host Adapters System Block Diagram ISA (AT) BUS PC CARD SOCKET 1 PC CARD SOCKET 2 CL-PD6710 144-Pin (CL-PD6722) CL-PD6722 208-Pin (cont.) |
Similar Part No. - CL-PD6722 |
|
Similar Description - CL-PD6722 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |