Electronic Components Datasheet Search
  English  ▼

X  

CL-PD6722 Datasheet(PDF) 42 Page - Cirrus Logic

Part # CL-PD6722
Description  ISA-TOOPC-CARD HOST ADAPTERS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-PD6722 Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CL-PD6722 Datasheet HTML 38Page - Cirrus Logic CL-PD6722 Datasheet HTML 39Page - Cirrus Logic CL-PD6722 Datasheet HTML 40Page - Cirrus Logic CL-PD6722 Datasheet HTML 41Page - Cirrus Logic CL-PD6722 Datasheet HTML 42Page - Cirrus Logic CL-PD6722 Datasheet HTML 43Page - Cirrus Logic CL-PD6722 Datasheet HTML 44Page - Cirrus Logic CL-PD6722 Datasheet HTML 45Page - Cirrus Logic CL-PD6722 Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 128 page
background image
PRELIMINARY DATA SHEET v3.1
CL-PD6710/’22
ISA–to–PC-Card Host Adapters
May 1997
42
CHIP CONTROL REGISTERS
6.4
Interrupt and General Control
Bits 3:0 — Card IRQ Select
These bits determine which IRQ will occur when the card causes an interrupt through the
RDY/-IREQ pin on the PC Card connector.
Bit 4 — Enable Manage Int
This bit determines how management interrupts will occur.
Bit 5 — Card Is I/O
This bit determines how dual-function socket interface pins will be used.
Register Name: Interrupt and General Control
Index: 03h
Register Per: socket
Register Compatibility Type: 365
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Ring Indicate
Enable
Card Reset*
Card Is I/O
Enable
Manage Int
Card IRQ Select
RW:0
RW:0
RW:0
RW:0
RW:0000
0000
IRQ disabled
0001
Reserved
0010
Reserved
0011
IRQ 3
0100
IRQ 4
0101
IRQ 5
0110
Reserved
0111
IRQ 7
1000
Reserved
1001
IRQ 9 (On the CL-PD6722, this output may alternately be used as an ISA bus DACK* signal)
1010
IRQ 10 (On the CL-PD6722, this output may alternately be used as an ISA bus DRQ signal)
1011
IRQ 11
1100
IRQ 12 (This output may alternately be used for LED)
1101
Reserved
1110
IRQ 14
1111
IRQ 15 (This output may alternately be used for ring indicate)
0
Card status management interrupts occur as programmed by Management IRQ Select bits (bits 7:4 of
Management Interrupt Configuration register, see page 46).
1
Card status management interrupts are redirected to the -INTR line instead of the programmed IRQ
pin.
0
Memory Card Interface mode: card socket configured to support memory cards. Dual-function socket
interface pins perform memory card-type interface functions.
1
I/O Card Interface mode: card socket configured to support I/O/memory card-type interface functions.
Dual-function socket interface pins perform I/O/memory card-type interface functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com