Electronic Components Datasheet Search
  English  ▼

X  

CL-PD6722 Datasheet(PDF) 43 Page - Cirrus Logic

Part # CL-PD6722
Description  ISA-TOOPC-CARD HOST ADAPTERS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-PD6722 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CL-PD6722 Datasheet HTML 39Page - Cirrus Logic CL-PD6722 Datasheet HTML 40Page - Cirrus Logic CL-PD6722 Datasheet HTML 41Page - Cirrus Logic CL-PD6722 Datasheet HTML 42Page - Cirrus Logic CL-PD6722 Datasheet HTML 43Page - Cirrus Logic CL-PD6722 Datasheet HTML 44Page - Cirrus Logic CL-PD6722 Datasheet HTML 45Page - Cirrus Logic CL-PD6722 Datasheet HTML 46Page - Cirrus Logic CL-PD6722 Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 128 page
background image
CL-PD6710/’22
ISA–to–PC-Card Host Adapters
May 1997
43
PRELIMINARY DATA SHEET v3.1
CHIP CONTROL REGISTERS
Bit 6 — Card Reset*
This bit determines whether the RESET signal (see page 18) to the card is active or inactive.
When the Card Enable bit (see page 41) is ‘0’, the RESET signal to the card will be high-imped-
ance. See Chapter 10 for further description of ATA mode functions.
Bit 7 — Ring Indicate Enable
This bit determines whether the -STSCHG input pin is used to activate the IRQ15 pin in conjunc-
tion with Misc Control 2, IRQ15 Is RI Out (see page 62). This bit has no significance when the
card socket is configured for memory card operation.
0
The RESET signal to the card socket is set active (high for normal, low for ATA mode).
1
The RESET signal to the card socket is set inactive (low for normal, high for ATA mode).
0
BVD1/-STSCHG pin is status change function.
1
BVD1/-STSCHG pin is ring indicate input pin from card.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com