Electronic Components Datasheet Search
  English  ▼

X  

CL-PD6722 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CL-PD6722
Description  ISA-TOOPC-CARD HOST ADAPTERS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-PD6722 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CL-PD6722 Datasheet HTML 16Page - Cirrus Logic CL-PD6722 Datasheet HTML 17Page - Cirrus Logic CL-PD6722 Datasheet HTML 18Page - Cirrus Logic CL-PD6722 Datasheet HTML 19Page - Cirrus Logic CL-PD6722 Datasheet HTML 20Page - Cirrus Logic CL-PD6722 Datasheet HTML 21Page - Cirrus Logic CL-PD6722 Datasheet HTML 22Page - Cirrus Logic CL-PD6722 Datasheet HTML 23Page - Cirrus Logic CL-PD6722 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 128 page
background image
PRELIMINARY DATA SHEET v3.1
CL-PD6710/’22
ISA–to–PC-Card Host Adapters
May 1997
20
PIN INFORMATION
Table 2-4.
Power Control Pins
Pin Name
Description
Pin Number
Qty
.
I/O
Pwr.
Drive
CL-PD6710
CL-PD6722
Socket A
Socket B
VPP_VCC
This output is used to enable the
socket VCC supply onto the VPP pin.
This pin is mutually exclusive with
VPP_PGM.
3
2
205
1O
1
12
mA
VPP_PGM
This output is used to enable the pro-
gramming voltage supply onto the VPP
pin. This pin is mutually exclusive with
VPP_VCC.
2
1
204
1O
1
12
mA
-VCC_3
This output is used to enable a 3.3V
supply onto the VDD socket. This pin is
mutually exclusive with -VCC_5.
5
4
206
1O
1
12
mA
-VCC_5
This output is used to enable a 5V sup-
ply onto the VDD socket. This pin is
mutually exclusive with -VCC_3.
6
5
207
1O
1
12
mA
Table 2-5.
Power and Ground Pins
Pin Name
Description
Pin Number
Qty.
I/O
Pwr.
Drive
CL-PD6710
CL-PD6722
+5V
This pin is connected to the system’s 5-volt
power supply. In systems where 5 volts is not
available, this pin can be connected to the
system’s 3.3-volt supply (but 5-volt-only PC
Cards will not be supported).
1
208
1
PWR
–
–
CORE_VDD
This pin provides power to the core circuitry of
the CL-PD67XX. It can be connected to either
a 3.3- or 5-volt power supply, independent of
the operating voltage of other interfaces. For
power conservation on a system with a 3.3-
volt supply available, this pin should be con-
nected to the 3.3-volt supply even if there is no
intention of operating other interfaces on the
device at less than 5 volts.
16, 91
27, 133
2
PWR
–
–
GND
All ground pins should be connected to sys-
tem ground.
20, 54, 72, 78,
128, 133
31, 70, 79,
111, 140, 192
6
GND
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com