Electronic Components Datasheet Search
  English  ▼

X  

CL-PD6722 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CL-PD6722
Description  ISA-TOOPC-CARD HOST ADAPTERS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-PD6722 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CL-PD6722 Datasheet HTML 14Page - Cirrus Logic CL-PD6722 Datasheet HTML 15Page - Cirrus Logic CL-PD6722 Datasheet HTML 16Page - Cirrus Logic CL-PD6722 Datasheet HTML 17Page - Cirrus Logic CL-PD6722 Datasheet HTML 18Page - Cirrus Logic CL-PD6722 Datasheet HTML 19Page - Cirrus Logic CL-PD6722 Datasheet HTML 20Page - Cirrus Logic CL-PD6722 Datasheet HTML 21Page - Cirrus Logic CL-PD6722 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 128 page
background image
PRELIMINARY DATA SHEET v3.1
CL-PD6710/’22
ISA–to–PC-Card Host Adapters
May 1997
18
PIN INFORMATION
-WAIT †
Wait : This input indicates to the
CL-PD67XX that the current card
access cycle is to be extended until
this signal becomes inactive (high).
55
54
116
1
I-PU
2 or 3
–
-CD[2:1]
Card Detect: These inputs indicate to
the CL-PD67XX the presence of a
card in the socket. They are pulled
high internally in the chip.
70, 10
69, 10
132, 73
2
I-PU
1
–
-CE[2:1]
Card Enable: These outputs are
driven low by the CL-PD67XX during
card access cycles to control
byte/word card access. -CE1 enables
even-numbered address bytes and
-CE2 enables odd-numbered address
bytes. When configured for 8-bit cards,
only -CE1 will be active and A0 will be
set to ‘1’ for odd-byte accesses.
25, 22
22, 19
86, 83
2
O-TS
2 or 3
2 mA
RESET
Reset: This output will be high to reset
the card and low for normal operation. To
reduce power consumption of idle cards
and to prevent reset glitches to a card,
this signal is high-impedance unless a
card is fully seated in the socket and
card interface signals are enabled.
51
51
114
1
O-TS
2 or 3
2 mA
BVD2/
-SPKR/
-LED †
Battery Voltage Detect 2 / Speaker /
LED: In Memory Card Interface mode,
this input serves as the BVD2 or bat-
tery warning status input.
In I/O Card Interface mode, this input
can be configured as a card’s -SPKR
binary audio input. For disk-drive sup-
port, BVD2/-SPKR/-LED can also be
configured as a drive-status LED input.
In DMA mode, this pin can be pro-
grammed as the -DREQ input from a
DMA-capable PC Card.
60
59
122
1
I-PU
2 or 3
–
Table 2-2.
Socket Interface Pins (cont.)
Pin Name1
Description2
Pin Number
Qty
.
I/O
Pwr.
Drive
CL-PD6710
CL-PD6722
Socket A
Socket B
1 To differentiate the sockets, all CL-PD6722 pin names have either A_ or B_ prepended to the pin names indicated. For
example, A_A[25:0] and B_A[25:0] are the independent address buses to the sockets.
2 When a socket is configured as an ATA drive interface, socket interface pin functions change. See Table 11-1 on page 75.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com