Electronic Components Datasheet Search
  English  ▼

X  

CL-PD6722 Datasheet(PDF) 69 Page - Cirrus Logic

Part # CL-PD6722
Description  ISA-TOOPC-CARD HOST ADAPTERS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-PD6722 Datasheet(HTML) 69 Page - Cirrus Logic

Back Button CL-PD6722 Datasheet HTML 65Page - Cirrus Logic CL-PD6722 Datasheet HTML 66Page - Cirrus Logic CL-PD6722 Datasheet HTML 67Page - Cirrus Logic CL-PD6722 Datasheet HTML 68Page - Cirrus Logic CL-PD6722 Datasheet HTML 69Page - Cirrus Logic CL-PD6722 Datasheet HTML 70Page - Cirrus Logic CL-PD6722 Datasheet HTML 71Page - Cirrus Logic CL-PD6722 Datasheet HTML 72Page - Cirrus Logic CL-PD6722 Datasheet HTML 73Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 128 page
background image
CL-PD6710/’22
ISA–to–PC-Card Host Adapters
May 1997
69
PRELIMINARY DATA SHEET v3.1
EXTENSION REGISTERS
9.7.4
External Data (CL-PD6722 only, Socket A, Index 2Fh)
Bits 7:0 — External Data
This register is updated and accessed according to the setting of bits 3 and 4 of the Socket A
Extension Control 2 register (Index 2Fh, Extended Index 0Bh).
NOTE: For software compatibility of external data access accross the Cirrus Logic PC Card host adapter product
line, the Socket A External Data register should only be used as a
write port and not as a read port. Also
for compatibility, only the lower nibble of External Data should be accessed and the upper nibble should be
ignored.
Refer to Chapter 12 for more information on the use of the External Data register.
Register Name: External Data
Index: 2Fh only
Extended Index: 0Ah
Register Per: socket
Register Compatibility Type: ext.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
External Data
7
External Data
6
External Data
5
External Data
4
External Data
3
External Data
2
External Data
1
External Data
0
RW:0
RW:0
RW:0
RW:0
RW:0
RW:0
RW:0
RW:0
Table 9-2.
Functions of Socket A External Data Register
Socket A Extension Control 2
Function of Socket A External Data Register
Bit 4: GPSTB
on IOW*
Bit 3: GPSTB
on IOR*
0
0
Scratchpad
01
External read port: A_GPSTB is a read buffer enable for external data on
SD[15:8]
10
External write port: A_GPSTB is a write latch enable for SD[15:8] to get
latched to an external register. Reads of Socket A External Data register pro-
duce the value written to the latch.
1
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com