Electronic Components Datasheet Search
  English  ▼

X  

PC87427 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87427
Description  ServerI/O with SensorPathTM Health Monitoring
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87427 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button PC87427 Datasheet HTML 18Page - National Semiconductor (TI) PC87427 Datasheet HTML 19Page - National Semiconductor (TI) PC87427 Datasheet HTML 20Page - National Semiconductor (TI) PC87427 Datasheet HTML 21Page - National Semiconductor (TI) PC87427 Datasheet HTML 22Page - National Semiconductor (TI) PC87427 Datasheet HTML 23Page - National Semiconductor (TI) PC87427 Datasheet HTML 24Page - National Semiconductor (TI) PC87427 Datasheet HTML 25Page - National Semiconductor (TI) PC87427 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
2.0 Device Characteristics (Continued)
www.national.com
22
Revision 1.0
2.2
DC CHARACTERISTICS OF PINS, BY I/O BUFFER TYPES
The following tables summarize the DC characteristics of all device pins described in Section 1.2 on page 6. The character-
istics describe the general I/O buffer types defined in Table 1 on page 6. For exceptions, refer to Section 2.2.10 on page 24.
The DC characteristics of the LPC Interface meet the PCI Local Bus Specification (Rev 2.2 December 18, 1998) for 3.3V
DC signaling. The DC characteristics of the SMBus Interface meet the SMBus (Rev 1.1 Dec. 11, 1998) and SMBus (Rev.
2.0 Aug. 2000) specifications for on-board devices.
2.2.1
Input, CMOS Compatible with Schmitt Trigger
Symbol: INCS
2.2.2
Input, PCI 3.3V
Symbol: INPCI
2.2.3
Input, SMBus Compatible
Symbol: INSM
Symbol
Parameter
Conditions
Min
Max
Unit
VIH
Input High Voltage
0.75 VSUP
1
1. VSUP is VDD, VSB or VPP according to the input power well.
5.52
2. Not tested. Guaranteed by design.
V
VIL
Input Low Voltage
−0.51
1.1
V
VHY
Input Hysteresis
5003
3. Not tested. Guaranteed by characterization.
mV
IIL
Input Leakage Current
0 < VIN <VSUP
±14
4. Maximum 10
µA for all pins together. Not tested. Guaranteed by characterization.
µA
Symbol
Parameter
Conditions
Min
Max
Unit
VIH
Input High Voltage
0.5 VDD
VDD + 0.5
1
1. Not tested. Guaranteed by design.
V
VIL
Input Low Voltage
−0.51
0.3 VDD
V
lIL
2
2. Input leakage current includes the output leakage of the bidirectional buffers with TRI-STATE outputs.
Input Leakage Current
0 < VIN <VDD
±13
3. Maximum 10
µA for all pins together. Not tested. Guaranteed by characterization.
µA
Symbol
Parameter
Conditions
Min
Max
Unit
VIH
Input High Voltage
1.4
5.51
1. Not tested. Guaranteed by design.
V
VIL
Input Low Voltage
−0.51
0.8
V
IIL
2
2. Input leakage current includes the output leakage of the bidirectional buffers with TRI-STATE outputs.
Input Leakage Current
0 < VIN <VSB
±13
3. Maximum 10
µA for all pins together. Not tested. Guaranteed by characterization.
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com