Electronic Components Datasheet Search
  English  ▼

X  

PC87427 Datasheet(PDF) 38 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87427
Description  ServerI/O with SensorPathTM Health Monitoring
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87427 Datasheet(HTML) 38 Page - National Semiconductor (TI)

Back Button PC87427 Datasheet HTML 34Page - National Semiconductor (TI) PC87427 Datasheet HTML 35Page - National Semiconductor (TI) PC87427 Datasheet HTML 36Page - National Semiconductor (TI) PC87427 Datasheet HTML 37Page - National Semiconductor (TI) PC87427 Datasheet HTML 38Page - National Semiconductor (TI) PC87427 Datasheet HTML 39Page - National Semiconductor (TI) PC87427 Datasheet HTML 40Page - National Semiconductor (TI) PC87427 Datasheet HTML 41Page - National Semiconductor (TI) PC87427 Datasheet HTML 42Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
2.0 Device Characteristics (Continued)
www.national.com
38
Revision 1.0
2.5.7
GPE Timing
Symbol
Figure
Description
Reference Conditions
Min
Max
Unit
tVAL
Outputs
Output Valid Delay
After clock falling edge
CL =20pF
41
1. Not tested. Guaranteed by characterization.
ns
tSU
Inputs
Input Setup Time
Before clock rising edge
121
ns
tHL
Inputs
Input Hold Time
After clock rising edge
01
ns
GPEXC/C2
GPEXD
tSU
tHL
Input
Valid
GPEXC/C2
GPEXD
tVAL
Output
Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com