Electronic Components Datasheet Search
  English  ▼

X  

PC87427 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87427
Description  ServerI/O with SensorPathTM Health Monitoring
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87427 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button PC87427 Datasheet HTML 6Page - National Semiconductor (TI) PC87427 Datasheet HTML 7Page - National Semiconductor (TI) PC87427 Datasheet HTML 8Page - National Semiconductor (TI) PC87427 Datasheet HTML 9Page - National Semiconductor (TI) PC87427 Datasheet HTML 10Page - National Semiconductor (TI) PC87427 Datasheet HTML 11Page - National Semiconductor (TI) PC87427 Datasheet HTML 12Page - National Semiconductor (TI) PC87427 Datasheet HTML 13Page - National Semiconductor (TI) PC87427 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
1.0 Signal/Pin Connection and Description (Continued)
www.national.com
10
Revision 1.0
1.4.3
X-Bus Extension
1.4.4
Serial Port Interfaces (SI1, SI2 and SIM)
Signal
Pin(s)
I/O Buffer Type Power Well
Description
XRD_XEN
14
O
O6/12
VSB
Read. Active (low) level indicates a read cycle on the X-Bus.
Enable. Active (high) level indicates valid data on the X-Bus.
XWR_XRW15
O
O14/14
VSB
Write. Active (low) level indicates a write cycle on the X-Bus.
Read/Write. A high level indicates a read cycle on the X-Bus; a
low level indicates a write cycle on the X-Bus.
XA19_XD15
-XA12_XD8
XA11_XD7
-XA4_XD0
1-8,
24-31
I/O
INTS/O4/8
VSB
Multiplexed Data/Address Bus Lines. The XA11-4 address lines
are multiplexed with the 8-bit data lines XD7-XD0. If the 16-bit data
bus is selected, the XA19-12 address lines are multiplexed with
data lines XD15-XD8.
XA11-1,
XA0_XA20
83, 82,
55, 50,
48, 37,
21, 22,
16-18,
19
OO3/6
VSB
Non-Multiplexed Address Bus Lines. The XA0 address line pin
is the XA20 address line for XCSn configured to 16-bit data bus.
XSTB2-0
53,
33-34
OO3/6
VSB
Address Strobes. Controls the strobe of up to three external
latches for the multiplexed address lines.
XCS3-0
85-87,
23
OO14/14
VSB
Chip Selects. Controls the selection of up to four devices residing
on the X-Bus.
XRDY
9
I
INTS
VSB
I/O Ready. Instructs the PC87427 to extend the access cycle.
XIRQ2-0
36-35,
10
IINTS
VSB
X-Bus Interrupt. Converted into serial interrupt by the Interrupt
Serializer. The system configuration includes the interrupt number
associated with this signal.
BIOS_SEL
52
O
O3/6
VSB
BIOS Select. BIOS image selections.
Signal
Pin(s)
I/O Buffer Type Power Well
Description
CTS1
99
IINTS
VDD
Clear to Send. When low, indicates that the modem or other data
transfer device is ready to exchange data.
CTS2
CTSM
107
87
VSB
DCD1
94
IINTS
VDD
Data Carrier Detected. When low, indicates that the data transfer
device, e.g., modem, has detected the data carrier.
DCD2
109
VSB
DCDM
85
O1
O14/14
VSB
DSR1
95
IINTS
VDD
Data Set Ready. When low, indicates that the data transfer device,
e.g., modem, is ready to establish a communications link.
DSR2
DSRM
103
86
VSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com