Electronic Components Datasheet Search
  English  ▼

X  

PC87427 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87427
Description  ServerI/O with SensorPathTM Health Monitoring
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87427 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button PC87427 Datasheet HTML 12Page - National Semiconductor (TI) PC87427 Datasheet HTML 13Page - National Semiconductor (TI) PC87427 Datasheet HTML 14Page - National Semiconductor (TI) PC87427 Datasheet HTML 15Page - National Semiconductor (TI) PC87427 Datasheet HTML 16Page - National Semiconductor (TI) PC87427 Datasheet HTML 17Page - National Semiconductor (TI) PC87427 Datasheet HTML 18Page - National Semiconductor (TI) PC87427 Datasheet HTML 19Page - National Semiconductor (TI) PC87427 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
1.0 Signal/Pin Connection and Description (Continued)
www.national.com
16
Revision 1.0
1.4.11 Watchdog
1.4.12 Clocks
1.4.13 Configuration Straps
Note: All external pull-down resistors must be connected to VSS.
Signal
Pin(s) I/O Buffer Type Power Well
Description
WDO
54
O
O3/6
VSB
Watchdog Out. An active pulse (low) of a fixed width; it is
generated when a watchdog time-out occurs.
Signal
Pin(s) I/O Buffer Type Power Well
Description
32KX1_32KCLKIN1
1. This pin is not 5-volt tolerant.
42
I
INOSC
VPP
32.768 KHz Crystal Input. Input from external crystal
oscillator circuitry.
32.768 KHz Clock Oscillator Input. Input from external
clock oscillator device.2
2. If the input clock is in TRI-STATE while VSB is off, it is recommended to connect an external 10 KΩ pull-down
resistor to this pin.
32KX23
3. This pin is neither 5-volt tolerant nor back-drive protected.
44
O
OOSC
VPP
32.768 KHz Crystal Oscillator Output. Output to external
crystal oscillator circuitry.
LFCKOUT
45
O
O3/6
VSB
Low Frequency Clock Output. The Real-Time Clock
frequency (32.768 KHz), or a 1 Hz clock output.
CLKIN
56
I
INTS
VSB
4
4. The CLKIN signal source can be VDD powered.
Clock Input. 48 MHz for the Legacy functions, or no input
clock.
HFCKOUT
13
O
O14/14
VSB
High Frequency Clock Output. Clock output for system
use.
Signal
Pin(s)
I/O Buffer Type Power Well
Description
BADDR
100
I
INTS
VDD
Base Address. Sampled at VDD Power-Up reset to determine
the base address of the configuration Index-Data register pair,
as follows:
No pull-down resistor:
2Eh-2Fh
10 K
Ω1 external pull-down resistor: 4Eh-4Fh
TRIS
97
I
INTS
VDD
TRI-STATE Device. Sampled at VDD Power-Up reset to force
the device to float all its output and I/O pins, as follows:
No pull-down resistor:
Pins active
10 K
Ω1 external pull-down resistor: Pins floating
CKIN48
55
I
INTS
VSB
CLKIN 48 MHz. Sampled at VSB Power-Up reset to determine
the presence of the 48 MHz input clock at the CLKIN pin, as
follows:
No pull-down resistor:
No clock
10 K
Ω external pull-down resistor: 48 MHz clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com