Electronic Components Datasheet Search
  English  ▼

X  

PC87427 Datasheet(PDF) 40 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87427
Description  ServerI/O with SensorPathTM Health Monitoring
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87427 Datasheet(HTML) 40 Page - National Semiconductor (TI)

Back Button PC87427 Datasheet HTML 36Page - National Semiconductor (TI) PC87427 Datasheet HTML 37Page - National Semiconductor (TI) PC87427 Datasheet HTML 38Page - National Semiconductor (TI) PC87427 Datasheet HTML 39Page - National Semiconductor (TI) PC87427 Datasheet HTML 40Page - National Semiconductor (TI) PC87427 Datasheet HTML 41Page - National Semiconductor (TI) PC87427 Datasheet HTML 42Page - National Semiconductor (TI) PC87427 Datasheet HTML 43Page - National Semiconductor (TI) PC87427 Datasheet HTML 44Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
2.0 Device Characteristics (Continued)
www.national.com
40
Revision 1.0
FDC Read Data Timing
2.5.9
Serial Interfaces 1, 2 and M Timing
Serial Port Data Timing
Symbol
Parameter
Min
Max
Unit
tRDW
Read Data Pulse Width
50
ns
Symbol
Parameter
Conditions
Min
Max
Unit
tBT
Single Bit Time in Serial Interface1
1. Not tested. Guaranteed by design.
Transmitter
tBTN − 25
2
2. tBTN is the nominal bit time in the Serial Interface; it is determined by the setting of the Baud Generator Divisor
registers.
tBTN +25
2
ns
Receiver
tBTN − 2%
2
tBTN +2%
2
ns
tIW
tSTP
tDST
tSTR
tSTD
DIR
STEP
INDEX
tRDW
RDATA
tBT
SIN
SOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com