Electronic Components Datasheet Search
  English  ▼

X  

PC87427 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87427
Description  ServerI/O with SensorPathTM Health Monitoring
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87427 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button PC87427 Datasheet HTML 19Page - National Semiconductor (TI) PC87427 Datasheet HTML 20Page - National Semiconductor (TI) PC87427 Datasheet HTML 21Page - National Semiconductor (TI) PC87427 Datasheet HTML 22Page - National Semiconductor (TI) PC87427 Datasheet HTML 23Page - National Semiconductor (TI) PC87427 Datasheet HTML 24Page - National Semiconductor (TI) PC87427 Datasheet HTML 25Page - National Semiconductor (TI) PC87427 Datasheet HTML 26Page - National Semiconductor (TI) PC87427 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
2.0 Device Characteristics (Continued)
Revision 1.0
23
www.national.com
2.2.4
Input, TTL Compatible
Symbol: INT
2.2.5
Input, TTL Compatible with Schmitt Trigger
Symbol: INTS
2.2.6
Output, TTL Compatible Push-Pull Buffer
Symbol: Op/n
Output, TTL Compatible, rail-to-rail Push-Pull buffer that is capable of sourcing p mA and sinking n mA
Symbol
Parameter
Conditions
Min
Max
Unit
VIH
Input High Voltage
2.0
5.51
1. Not tested. Guaranteed by design.
V
VIL
Input Low Voltage
−0.51
0.8
V
IIL
2
2. Input leakage current includes the output leakage of the bidirectional buffers with TRI-STATE outputs.
Input Leakage Current
0<VIN <VSUP
3
3. VSUP is VDD, VSB or VPP according to the input power well.
±14
4. Maximum 10
µA for all pins together. Not tested. Guaranteed by characterization.
µA
Symbol
Parameter
Conditions
Min
Max
Unit
VIH
Input High Voltage
2.0
5.51
1. Not tested. Guaranteed by design.
V
VIL
Input Low Voltage
−0.51
0.8
V
VHY
Input Hysteresis
2502
2. Not tested. Guaranteed by characterization.
mV
IIL
3
3. Input leakage current includes the output leakage of the bidirectional buffers with TRI-STATE outputs.
Input Leakage Current
0<VIN <VSUP
4
4. VSUP is VDD, VSB or VPP according to the input power well.
±15
5. Maximum 10
µA for all pins together. Not tested. Guaranteed by characterization.
µA
Symbol
Parameter
Conditions
Min
Max
Unit
VOH
Output High Voltage
IOH = −p mA
2.4
V
IOH = −50 µA
VSUP − 0.2
1
1. VSUP is VDD, VSB or VPP according to the output power well.
V
VOL
Output Low Voltage
IOL = n mA
0.4
V
IOL =50 µA
0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com