Electronic Components Datasheet Search
  English  ▼

X  

PC87427 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87427
Description  ServerI/O with SensorPathTM Health Monitoring
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87427 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button PC87427 Datasheet HTML 5Page - National Semiconductor (TI) PC87427 Datasheet HTML 6Page - National Semiconductor (TI) PC87427 Datasheet HTML 7Page - National Semiconductor (TI) PC87427 Datasheet HTML 8Page - National Semiconductor (TI) PC87427 Datasheet HTML 9Page - National Semiconductor (TI) PC87427 Datasheet HTML 10Page - National Semiconductor (TI) PC87427 Datasheet HTML 11Page - National Semiconductor (TI) PC87427 Datasheet HTML 12Page - National Semiconductor (TI) PC87427 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
1.0 Signal/Pin Connection and Description (Continued)
Revision 1.0
9
www.national.com
1.4
DETAILED SIGNAL/PIN DESCRIPTIONS
This section describes all PC87427 signals.
1.4.1
LPC Interface
1.4.2
SMBus (SMB) Interface
103
GPIO
GPIOE15
Serial
Interface 2
DSR2
SIOCFC.GP1AMUX
104
GPIOE14
SIN2
105
GPIOE13
RTS2
106
GPIOE12
SOUT2
107
GPIOE11
CTS2
SIOCFC.GP1AMUX
108 Straps
XCNF1
DTR2_BOUT2
109
GPIOE10
DCD2
SIOCFC.GP1AMUX
124
GPIO00
LPC
CLKRUN
SIOCF2.CLKRNMUX
125
GPIO01
KBC
KBCLK
SIOCF2.NOKBC
126
GPIO02
KBDAT
127
GPIO03
MCLK
128
GPIO04
MDAT
Signal
Pin(s)
I/O Buffer Type Power Well
Description
LAD3-01
1. This pin is neither 5-Volt tolerant nor back-drive protected.
110-113
I/O INPCI/OPCI
VDD
LPC Address-Data. Multiplexed command, address bidirectional
data, and cycle status.
LCLK1
114
I
INPCI
VDD
LPC Clock. Derived from the PCI clock (up to 33 MHz).
LFRAME1
117
I
INPCI
VDD
LPC Frame. Low pulse indicates the beginning of a new LPC cy-
cle or termination of a broken cycle.
LDRQ1
118
O
OPCI
VDD
LPC DMA Request. Encoded DMA request for LPC Interface.
LRESET1
120
I
INPCI
VDD
LPC Reset. Derived from the PCI system reset.
SERIRQ1
119
I/O INPCI/OPCI
VDD
Serial IRQ. The interrupt requests are serialized over a single pin,
where each IRQ level is delivered during a designated time slot.
CLKRUN1
124
I/O INPCI/ODPCI VDD
Clock Run. Indicates that LCLK is going to be stopped and re-
quests full-speed LCLK (same behavior as PCI CLKRUN).
Signal
Pin(s)
I/O Buffer Type Power Well
Description
SMBCLK
47
I/O
INSM/OD6
VSB
SMBus Clock. An internal pull-up for this pin is optional.
SMBDAT
46
I/O
INSM/OD6
VSB
SMBus Serial Data. An internal pull-up for this pin is optional.
SMBALERT35
O
OD6
VSB
SMBus Alert. SMBus Interrupt line. An internal pull-up for this
pin is optional
Table 2. Pin Multiplexing Configuration (Continued)
Pin
Functional
Block
Signal
Functional
Block
Signal
Functional
Block
Signal
Functional
Block
Signal
Configuration
Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com