Electronic Components Datasheet Search
  English  ▼

X  

PC87427 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87427
Description  ServerI/O with SensorPathTM Health Monitoring
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87427 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button PC87427 Datasheet HTML 11Page - National Semiconductor (TI) PC87427 Datasheet HTML 12Page - National Semiconductor (TI) PC87427 Datasheet HTML 13Page - National Semiconductor (TI) PC87427 Datasheet HTML 14Page - National Semiconductor (TI) PC87427 Datasheet HTML 15Page - National Semiconductor (TI) PC87427 Datasheet HTML 16Page - National Semiconductor (TI) PC87427 Datasheet HTML 17Page - National Semiconductor (TI) PC87427 Datasheet HTML 18Page - National Semiconductor (TI) PC87427 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
1.0 Signal/Pin Connection and Description (Continued)
Revision 1.0
15
www.national.com
1.4.10 System Wake-Up Control (SWC)
Signal
Pin(s)
I/O Buffer Type Power Well
Description
GPIOE17-16
8-7
I
INTS
VSB
Wake-up Inputs. Generate a wake-up event or an interrupt.
These pins have programmable debounce protection.
GPIOE15-10
103-107,
109
GPIOE11-10
2-1
I
INTS
VSB
GPIOE40-47
21-22, 35,
49, 38,
51, 20, 32
I
INTS
VSB
RI1
RI2
101
102
IINTS
VSB
Ring Indicator Wake-up. When low, generates a wake-up
event or an interrupt, indicating that a telephone ring signal was
received by the modem. When RI functionality is not required,
an internal pull-up resistor allows this pin to be left floating.
KBCLK
125
I
INTS
VSB
Keyboard Clock Wake-up. Generates a wake-up event or an
interrupt, indicating a change in the keyboard clock signal.
KBDAT
126
I
INTS
VSB
Keyboard Data Wake-up. Generates a wake-up event or an
interrupt, indicating a change in the keyboard data signal.
MCLK
127
I
INTS
VSB
Mouse Clock Wake-up. Generates a wake-up event or an
interrupt, indicating a change in the mouse clock signal.
MDAT
128
I
INTS
VSB
Mouse Data Wake-up. Generates a wake-up event or an
interrupt, indicating a change in the mouse data signal.
PWBTIN
36
I
INTS
VSB
Power Button In. Active (low) level indicates a user request
to turn the power on or off. This pin has debounce protection.
PWBTOUT
49
O
OD6
VSB
Power Button Out. Output for the chip-set Power Button input.
SLBTIN
35
I
INTS
VSB
Sleep Button In. Active (low) level indicates a user request to
enter or exit Sleep mode. This pin has debounce protection.
SLPS3,
SLPS5
20
32
IINTS
VSB
Sleep State 3 to 5. Active (low) level indicates the system is
in one of the sleep states S3, S4 or S5. These signals are
generated by an external ACPI controller.
Pins
SLPS3 SLPS5 Functionality
1
1
Working state (S0) or sleep states S1 or S2
0
1
Sleep state S3
0
0
Sleep states S4 or S5
1
0
Illegal combination
SIOSCI
38
O
OD6
VSB
System Control Interrupt. Active (low) level indicates that a
wake-up event occurred, causing the system to exit its current
sleep state.
SIOSMI
37
O
OD6
VSB
System Management Interrupt. Active (low) level indicates
that an SMI occurred.
ONCTL
39
O
OD6
VSB
Power Supply On/Off Control. Active level (low) indicates
that the power should be turned on. An external pull-up
resistor is required
LED1, LED2
50, 51
O
O14/14
VSB
LED Drives. These outputs can be connected directly to LED
devices. They can be configured, with programmable blink
rate for all LEDs, as one dual-colored LED or two single-
colored LEDs.
CHASSIS
84
I
INCS
VPP
1
1. Internal VPP is based on VSB and VBAT.
Chassis Intrusion Input. Any change of this pin sets the
intrusion detection. For correct operation, this pin must be tied
to VSS when it is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com