Electronic Components Datasheet Search
  English  ▼

X  

PC87427 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87427
Description  ServerI/O with SensorPathTM Health Monitoring
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87427 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button PC87427 Datasheet HTML 23Page - National Semiconductor (TI) PC87427 Datasheet HTML 24Page - National Semiconductor (TI) PC87427 Datasheet HTML 25Page - National Semiconductor (TI) PC87427 Datasheet HTML 26Page - National Semiconductor (TI) PC87427 Datasheet HTML 27Page - National Semiconductor (TI) PC87427 Datasheet HTML 28Page - National Semiconductor (TI) PC87427 Datasheet HTML 29Page - National Semiconductor (TI) PC87427 Datasheet HTML 30Page - National Semiconductor (TI) PC87427 Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
2.0 Device Characteristics (Continued)
Revision 1.0
27
www.national.com
2.5.2
Reset Timing
VSB Power-Up Reset
Figure 4. Internal VSB Power-Up Reset - Ended by 32 KHz Clock Domain
Symbol
Figure
Description
Reference Conditions
Min1
1. Not tested. Guaranteed by design.
Max1
tLRST
5
Minimum LRESET active
time
VSB power-up to end of LRESET
10 ms
tIRST
4
Internal Power-Up Reset
Time
VSB power-up to
end of internal reset
Ended by
32 KHz
Clock Domain
17 * t32KOSC
t32KW +
t32KVAL
2 +
17 * t32KOSC
2. t32KW +t32KVAL from VBAT power-up to 32 KHz domain toggling if VSB and VBAT are powered-up together; see
“Low Frequency Clock Timing” on page 31.
5
Ended by
LRESET
tLRST
tEPLV
4,
5
External strap pull-down
resistors, valid time
Before end of internal reset
tIRST
tIPLV
4,
5
Internal strap pull-up
resistors, valid time3
3. Active only during VSB Power-Up reset.
Before end of internal reset
tIRST
VSB (Power)
(Internal)
tIRST
VSBONmin
t32KOSC
t32KW + t32KVAL
LRESET
VSB Power-Up Reset
(Internal)
32 KHz Domain
Internal Straps
tIPLV
tEPLV
(Pull-Up)
(Pull-Down)
External Straps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com