Electronic Components Datasheet Search
  English  ▼

X  

PC87427 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87427
Description  ServerI/O with SensorPathTM Health Monitoring
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87427 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button PC87427 Datasheet HTML 20Page - National Semiconductor (TI) PC87427 Datasheet HTML 21Page - National Semiconductor (TI) PC87427 Datasheet HTML 22Page - National Semiconductor (TI) PC87427 Datasheet HTML 23Page - National Semiconductor (TI) PC87427 Datasheet HTML 24Page - National Semiconductor (TI) PC87427 Datasheet HTML 25Page - National Semiconductor (TI) PC87427 Datasheet HTML 26Page - National Semiconductor (TI) PC87427 Datasheet HTML 27Page - National Semiconductor (TI) PC87427 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
2.0 Device Characteristics (Continued)
www.national.com
24
Revision 1.0
2.2.7
Output, Open-Drain Buffer
Symbol: ODn
Output, TTL Compatible Open-Drain output buffer capable of sinking n mA. Output from these signals is open-drain and
is never forced high.
2.2.8
Output, PCI 3.3V
Symbol: OPCI
2.2.9
Output, Open-Drain, PCI 3.3V
Symbol: ODPCI
2.2.10
Exceptions
1. All pins are 5-Volt tolerant except for the pins with PCI (INPCI, OPCI) buffer types.
2. All pins are back-drive protected except for the pins with PCI (INPCI, OPCI) and oscillator (OOSC) buffer types.
3. The following pins have an internal static pull-up resistor (when enabled) and therefore may have leakage current to
VSUP (when VIN = 0): P12, P16, P17, SMBCLK, SMBDAT, SMBALERT, PWBTIN, SLBTIN, PWBTOUT, SIOSMI, SIOSCI
GPIO00-07, GPIOE10-17, GPIO20-27, GPIO30-37, GPIOE40-47, GPO50-57 and GPIO60-63.
4. The following strap pins have an internal static pull-up resistor enabled during Power-Up reset and therefore may have
leakage current to VSS (when VIN = VSUP): BADDR, TRIS, CKIN48, XCNF2-0, SMBSA, HFCKS, CTEST and TEST.
5. IOH is valid for a GPIO pin only when it is not configured as open-drain.
2.2.11
Terminology
Back-Drive Protection. A pin that is back-drive protected does not sink current into the supply when an input voltage higher
than the supply, but below the pin’s maximum input voltage, is applied to the pin. This is true even when the supply is inac-
tive. Note that active pull-up resistors and active output buffers are typically not back-drive protected.
5-Volt Tolerance. An input signal that is 5V tolerant can operate with input voltage of up to 5V even though the supply to
the device is only 3.3V. The actual maximum input voltage allowed to be supplied to the pin is indicated by the maximum
high voltage allowed for the input buffer. Note that some pins have multiple buffers, not all of which are 5V tolerant. In such
cases, there is a note that indicates at what conditions a 5V input may be applied to the pin; if there is no note, the low max-
imum voltage among the buffers is the maximum voltage allowed for the pin.
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
Output Low Voltage
IOL = n mA
0.4
V
IOL =50 µA
0.2
V
Symbol
Parameter
Conditions
Min
Max
Unit
VOH
Output High Voltage
lout = −500 µA
0.9 VDD
V
VOL
Output Low Voltage
lout =1500 µA
0.1 VDD
V
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
Output Low Voltage
lout =1500 µA
0.1 VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com