Electronic Components Datasheet Search
  English  ▼

X  

PC87427 Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87427
Description  ServerI/O with SensorPathTM Health Monitoring
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87427 Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button PC87427 Datasheet HTML 30Page - National Semiconductor (TI) PC87427 Datasheet HTML 31Page - National Semiconductor (TI) PC87427 Datasheet HTML 32Page - National Semiconductor (TI) PC87427 Datasheet HTML 33Page - National Semiconductor (TI) PC87427 Datasheet HTML 34Page - National Semiconductor (TI) PC87427 Datasheet HTML 35Page - National Semiconductor (TI) PC87427 Datasheet HTML 36Page - National Semiconductor (TI) PC87427 Datasheet HTML 37Page - National Semiconductor (TI) PC87427 Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
2.0 Device Characteristics (Continued)
www.national.com
34
Revision 1.0
2.5.5
X-Bus Extension Timing
Symbol
Figure
Description
Reference Conditions
Min
Max
Unit
tVAL
Outputs
Output Valid Delay
After RE Internal Clock
CL =50pF
221
1. Not tested. Guaranteed by characterization.
ns
tVAL_CS
Outputs
Output Valid Delay for
XCS3-0, XWR_XRW
After RE Internal Clock
CL =20pF
121
ns
tVAL_XD
Outputs
Output Valid Delay for
XA19_XD15-XA4_XD0
After RE Internal Clock
CL =20pF
171
ns
CL =50pF
201
ns
tON
Outputs
Float to Active Delay
After RE Internal Clock
02
2. Not tested. Guaranteed by design.
ns
tOH
Outputs
Output Hold time
After RE Internal Clock
02
ns
tOFF
Outputs
Active to Float Delay
After RE Internal Clock
CL =50pF
301
ns
tSU
Inputs
Input Setup Time
Before RE Internal Clock
51
ns
tHL
Inputs
Input Hold Time
After RE Internal Clock
01
ns
tCSDV
Mode 0, Speed
Grades 3, 4,
Read Transaction
Chip Select active to Data Valid
Read from External
Device
CL =20pF
73
ns
CL =50pF
70
ns
tSP4D
Mode 0, Speed
Grade 4, Write
Transaction
Chip Select active to
XWR_XRW active delay
Write to External Device CL =20pF
− 0.51 0.5
ns
tON
Outputs
tVAL
tOFF
XSTB2-0, BIOS_SEL
(for reference only;
XA11-0, XRD_XEN,
Internal Clock
tOH
not available off chip)
tON
tVAL_CS
tOFF
XCS3-0, XWR_XRW
tOH
tON
tVAL_XD
tOFF
XA19_XD15-XA4_XD0
tOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com