Electronic Components Datasheet Search
  English  ▼

X  

PC87427 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87427
Description  ServerI/O with SensorPathTM Health Monitoring
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87427 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  PC87427 Datasheet HTML 1Page - National Semiconductor (TI) PC87427 Datasheet HTML 2Page - National Semiconductor (TI) PC87427 Datasheet HTML 3Page - National Semiconductor (TI) PC87427 Datasheet HTML 4Page - National Semiconductor (TI) PC87427 Datasheet HTML 5Page - National Semiconductor (TI) PC87427 Datasheet HTML 6Page - National Semiconductor (TI) PC87427 Datasheet HTML 7Page - National Semiconductor (TI) PC87427 Datasheet HTML 8Page - National Semiconductor (TI) PC87427 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
Revision 1.0
3
www.national.com
Features (Continued)
— 16-byte FIFO
— Error-free handling of data overrun and underrun
— Software compatible with the PC8477, which
contains a superset of the FDC functions in the
µDP8473, NEC µPD765A/B and N82077
— High-performance digital separator
— Supports standard 5.25" and 3.5" FDDs
— Supports one FDD
— Supports fast tape drives (2 Mbps) and standard
tape drives (1 Mbps, 500 Kbps and 250 Kbps)
s
Keyboard and Mouse Controller (KBC)
— 8-bit
microcontroller,
software
compatible
with
8042AH and PC87911
— Standard interface (60h, 64h, IRQ1 and IRQ12)
— Supports two external swapable PS/2 interfaces for
keyboard and mouse
— Five programmable, dedicated, quasi-bidirectional
I/O lines (Fast GA20/P21, KBRST/P20, P12, P16,
P17)
General-Purpose I/O Module
s
52 General-Purpose I/O (GPIO) Ports
— Individually assigned to either LPC or SMBus con-
trol
— 45 ports individually configured as input or output
— 7 output ports
— Programmable features for each output pin:
❏
Drive type (open-drain, push-pull or TRI-STATE)
❏
TRI-STATE on VDD-fall detection for pins driving
VDD-supplied devices
— Programmable option for internal pull-up resistor on
each input pin
— Lock option for the configuration and data of each
output pin
— 16 GPIO ports generate IRQ/SIOSMI/SIOSCI for
wake-up events, with individual:
❏
Enable control
❏
Polarity and edge/level selection
❏
Debounce mechanism
— VSB powered
— Low-cost external GPIO port extension via a serial bus
— I/O ports transactions routing to the GPIO port ex-
tension
s
Real-Time Clock
— DS1287, MC146818 and PC87911 compatible
— Battery-backed 242-byte CMOS RAM, in two banks
(accessed through 70-71h and 72-73h)
— Selective lock mechanisms for the RTC RAM
— Y2K-compliant calendar, including century and
automatic leap-year adjustment
— Time of day in seconds, minutes and hours, which
allows a 12-hour or 24-hour format with optional
adjustment for daylight saving time
— Separated SMBus access to RTC RAM and RTC
Control D register
— Battery level measurement
Power Management
s
Supports ACPI Specification Revision 2.0b, July 27, 2000
s
System Wake-Up Control (SWC)
— Wake-up request on detection of:
❏
Preprogrammed Keyboard or Mouse sequence
❏
External modem ring from RI1 or RI2 on serial ports
❏
Predetermined RTC date and time alarm
❏
General-Purpose Input Events from up to 16
GPIO pins
❏
IRQs of internal logical devices
— Optional routing of power-up request to SERIRQ,
SIOSMI, SIOSCI, PWBTOUT and ONCTL
— Routing control per input/output event combination
— Outputs enable/disable per event and system state
combination (ACPI Sx states)
— Implements bank “b” of the ACPI registers
— Suspend modes via software emulation (control)
— Battery-backed event-logic configuration
— Power Button support, featuring:
❏
On/Off control
❏
Power-off, 4-second override
❏
Power Button output
— Sleep Button support
s
Power Supply On/Off control
— Supports Legacy- and ACPI-compatible Power Button
— Direct power supply control in response to wake-up
events
— Programmable Crowbar time-out for “On” request
— On/Off control via software emulation
— Power-fail recovery
s
Enhanced Power Management (PM), including:
— Special configuration registers for power down
— Reduced current leakage from pins
— Low-power CMOS technology
— Capability for disabling all modules
s
Keyboard Events
— Wake-up on any key
— Supports programmable 8-byte sequence “pass-
word” for Power Management
— Simultaneous recognition of three programmable
keys (sequences): “Power”, “Sleep” and “Resume”
s
Power Active Timers
— Two power-on, elapsed-time counters for the main
(VDD) and standby (VSB) power supplies
— 32-bit counters, clocked by a 1-second clock
— VBAT backed-up counters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com