Electronic Components Datasheet Search
  English  ▼

X  

PC87427 Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87427
Description  ServerI/O with SensorPathTM Health Monitoring
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87427 Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button PC87427 Datasheet HTML 37Page - National Semiconductor (TI) PC87427 Datasheet HTML 38Page - National Semiconductor (TI) PC87427 Datasheet HTML 39Page - National Semiconductor (TI) PC87427 Datasheet HTML 40Page - National Semiconductor (TI) PC87427 Datasheet HTML 41Page - National Semiconductor (TI) PC87427 Datasheet HTML 42Page - National Semiconductor (TI) PC87427 Datasheet HTML 43Page - National Semiconductor (TI) PC87427 Datasheet HTML 44Page - National Semiconductor (TI) PC87427 Datasheet HTML 45Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
2.0 Device Characteristics (Continued)
Revision 1.0
41
www.national.com
Modem Control Timing
2.5.10 SWC Timing
Wake-Up Inputs at VSB Power Switching
Symbol
Parameter
Min
Max
Unit
tL
RI Low Time1,2
1. Not tested. Guaranteed by characterization
2. This value also applies to RI2,1 wake-up detection in the SWC module.
10
ns
tH
RI High Time1,2
10
ns
tSIM
Delay to Set IRQ from Modem Input
40
ns
Symbol
Figure
Description
Reference Conditions
Min
Max
tEWIV
16
External Wake-up inputs not
valid1
1. Not tested. Guaranteed by design.
At VSB power on, after the
32 KHz Domain is toggling
24576 * t32KOSC
2
2. t32KOSC is the cycle time of the 32 KHz clock domain (see “Low Frequency Clock Timing” on page 31)
32768 * t32KOSC
tPBOP
17
PWBTOUT pulse time1
Resume by SLPS3, SLPS5
after Power Fail
100 ms3
3. Except when generated by PWBTIN pulse.
100.03 ms
CTS, DSR, DCD
INTERRUPT
(Read MSR)
RI
tSIM
tSIM
tSIM
tH
tL
(Read MSR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com