Electronic Components Datasheet Search
  English  ▼

X  

PC87427 Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87427
Description  ServerI/O with SensorPathTM Health Monitoring
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87427 Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button PC87427 Datasheet HTML 32Page - National Semiconductor (TI) PC87427 Datasheet HTML 33Page - National Semiconductor (TI) PC87427 Datasheet HTML 34Page - National Semiconductor (TI) PC87427 Datasheet HTML 35Page - National Semiconductor (TI) PC87427 Datasheet HTML 36Page - National Semiconductor (TI) PC87427 Datasheet HTML 37Page - National Semiconductor (TI) PC87427 Datasheet HTML 38Page - National Semiconductor (TI) PC87427 Datasheet HTML 39Page - National Semiconductor (TI) PC87427 Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
2.0 Device Characteristics (Continued)
www.national.com
36
Revision 1.0
2.5.6
SMBus Timing
Figure 12. SMBus Signals (SMBCLK and SMBDAT) Rising Time and Falling Time
Symbol
Figure
Description
Type of
Requirement1
1. An “Input” type is a value the PC87427 expects from the system; an “Output” type is a value the PC87427
provides to the system.
Min
Max
Unit
tSMBR
12
Rise time (SMBCLK and SMBDAT)
Input2
2. Test conditions: RL = 1 KΩ to VSB = 3.3V, CL = 400 pF to GND.
10003
3. Not tested. Guaranteed by design.
ns
tSMBF
12
Fall time (SMBCLK and SMBDAT)
Input
3003
ns
Output2
2504
4. Not tested. Guaranteed by characterization.
ns
tSMBCKL
12
Clock low period (SMBCLK)
Input
4.7
µs
tSMBCKH
12
Clock high period (SMBCLK)
Input
4
µs
tSMBCY
13
Clock cycle (SMBCLK)
Input
10
µs
tSMBDS
13
Data setup time (before clock rising edge)
Input
250
ns
Output2
250
ns
tSMBDH
13
Data hold time (after clock falling edge)
Input
0
ns
Output2
300
ns
tSMBPS
14
Stop condition setup time (clock before data)
Input
4
µs
tSMBSH
14
Start condition hold time (clock after data)
Input
4
µs
tSMBBUF
14
Bus free time between Stop and Start
conditions (SMBDAT)
Input
4.7
µs
tSMBRS
15
Restart condition setup time (clock before
data)
Input
4.7
µs
tSMBRH
15
Restart condition hold time (clock after data)
Input
4
µs
tSMBLEX
-
Cumulative clock low extend time from Start
to Stop (SMBCLK)
Output
253
ms
tSMBTO
-
Clock low time-out (SMBCLK)
Input
253,5
5. The PC87427 detects a time-out condition if SMBCLK is held low for more than tSMBTO.
ms
Output
353,6
6. Upon detection of a time-out condition, the PC87427 resets the SMBus Interface no later than tSMBTO.
ms
tSMBR
2.5V
0.4V
tSMBF
3.0V
0.4V
2.5V
0.4V
0.4V
tSMBCKH
tSMBCKL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com