Electronic Components Datasheet Search
  English  ▼

X  

PC87427 Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87427
Description  ServerI/O with SensorPathTM Health Monitoring
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87427 Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button PC87427 Datasheet HTML 28Page - National Semiconductor (TI) PC87427 Datasheet HTML 29Page - National Semiconductor (TI) PC87427 Datasheet HTML 30Page - National Semiconductor (TI) PC87427 Datasheet HTML 31Page - National Semiconductor (TI) PC87427 Datasheet HTML 32Page - National Semiconductor (TI) PC87427 Datasheet HTML 33Page - National Semiconductor (TI) PC87427 Datasheet HTML 34Page - National Semiconductor (TI) PC87427 Datasheet HTML 35Page - National Semiconductor (TI) PC87427 Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
2.0 Device Characteristics (Continued)
www.national.com
32
Revision 1.0
Figure 11. Internal Clock Waveforms
2.5.4
LPC Interface Timing
The AC characteristics of the LPC Interface meet the PCI Local Bus Specification (Rev 2.2 December 18, 1998) for 3.3V
DC signaling.
LCLK and LRESET
Symbol
Parameter
Min
Max
Units
tCYC
1
1. The PCI may have any clock frequency between nominal DC and 33 MHz. Device operational parameters at
frequencies under 16 MHz are guaranteed by design rather than by testing. The clock frequency may be
changed at any time during the operation of the system as long as the clock edges remain “clean” (mono-
tonic) and the minimum cycle high and low times are not violated. The clock may only be stopped in a low
state.
LCLK Cycle Time
30
ns
tHIGH
LCLK High Time2
2. Not tested. Guaranteed by characterization.
11
ns
tLOW
LCLK Low Time2
11
ns
-
LCLK Slew Rate2,3
3. Rise and fall times are specified in terms of the edge rate measured in V/ns. This slew rate must be met
across the minimum peak-to-peak portion of the clock wavering (0.2 VDD to 0.6 VDD) as shown below.
1
4
V/ns
-
LRESET Slew Rate2,4
4. The minimum LRESET slew rate applies only to the rising (de-assertion) edge of the reset signal and ensures
that system noise cannot make an otherwise monotonic signal appear to bounce in the switching range.
50
mV/ns
VSB
t32KD
Internally Generated
40/48 MHz Clock
VBAT
0V
CKVALID
(internal)
tHIGH
tLOW
tCYC
0.6 VDD
0.2 VDD
0.5 VDD
0.4 VDD
0.3 VDD
0.4 VDD p-to-p
(minimum)
VDD = 3.3V ±10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com