Electronic Components Datasheet Search
  English  ▼

X  

PC87427 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87427
Description  ServerI/O with SensorPathTM Health Monitoring
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87427 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button PC87427 Datasheet HTML 2Page - National Semiconductor (TI) PC87427 Datasheet HTML 3Page - National Semiconductor (TI) PC87427 Datasheet HTML 4Page - National Semiconductor (TI) PC87427 Datasheet HTML 5Page - National Semiconductor (TI) PC87427 Datasheet HTML 6Page - National Semiconductor (TI) PC87427 Datasheet HTML 7Page - National Semiconductor (TI) PC87427 Datasheet HTML 8Page - National Semiconductor (TI) PC87427 Datasheet HTML 9Page - National Semiconductor (TI) PC87427 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
1.0 Signal/Pin Connection and Description (Continued)
www.national.com
6
Revision 1.0
1.2
BUFFER TYPES AND SIGNAL/PIN DIRECTORY
The signal DC characteristics of the pins described in Section 1.4 are denoted by buffer type symbols, which are defined in
Table 1. The pin multiplexing information refers to two different types of multiplexing:
• Multiplexed, denoted by a slash (/) between pins in the diagram in Section 1.1. Pins are shared between two different
functions. Each function is associated with different board connectivity. Normally, the function selection is determined
by the board design and cannot be changed dynamically. The multiplexing options must be configured by the BIOS
on power-up to comply with the board implementation.
• Multiple Mode, denoted by an underscore (_) between pins in the diagram in Section 1.1. Pins have two or more
modes of operation within the same function. These modes are associated with the same external (board)
connectivity. Mode selection can be controlled by the device driver through the registers of the functional block and
does not require a special BIOS setup upon power-up. These pins are not considered multiplexed pins from the
ServerI/O configuration perspective. The mode selection method (registers and bits), as well as the signal specifica-
tion in each mode, are described within the functional description of the relevant functional block.
Table 1. Buffer Types
Symbol
Description
INCS
Input, CMOS compatible, with Schmitt Trigger
INOSC
Input, from crystal oscillator (not characterized)
INPCI
Input, PCI 3.3V
INSM
Input, SMBus compatible
INT
Input, TTL compatible
INTS
Input, TTL compatible, with Schmitt Trigger
INULR
Input, power, resistor protected (not characterized)
Op/n
Output, push-pull output buffer capable of sourcing p mA and sinking n mA
ODn
Output, open-drain output buffer capable of sinking n mA
OOSC
Output, to crystal oscillator (not characterized)
OPCI
Output, PCI 3.3V
ODPCI
Output, open-drain, PCI 3.3V
PWR
Power pin
GND
Ground pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com