Electronic Components Datasheet Search
  English  ▼

X  

PC87427 Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87427
Description  ServerI/O with SensorPathTM Health Monitoring
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87427 Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button PC87427 Datasheet HTML 29Page - National Semiconductor (TI) PC87427 Datasheet HTML 30Page - National Semiconductor (TI) PC87427 Datasheet HTML 31Page - National Semiconductor (TI) PC87427 Datasheet HTML 32Page - National Semiconductor (TI) PC87427 Datasheet HTML 33Page - National Semiconductor (TI) PC87427 Datasheet HTML 34Page - National Semiconductor (TI) PC87427 Datasheet HTML 35Page - National Semiconductor (TI) PC87427 Datasheet HTML 36Page - National Semiconductor (TI) PC87427 Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
2.0 Device Characteristics (Continued)
Revision 1.0
33
www.national.com
SERIRQ and LPC Signals
Symbol
Figure
Description
Reference Conditions
Min
Max
Unit
tVAL
Output
Output Valid Delay
After RE CLK
2
11
ns
tON
Output
Float to Active Delay
After RE CLK
21
1. Not tested. Guaranteed by characterization.
ns
tOFF
Output
Active to Float Delay
After RE CLK
281
ns
tSU
Input
Input Setup Time
Before RE CLK
7
ns
tHL
Input
Input Hold Time
After RE CLK
0
ns
Leakage Only
Leakage Only
0.285 VDD
0.615 VDD
0.4 VDD
0.4 VDD
LCLK
LAD3-LAD0,
LDRQ, SERIRQ
Outputs
tVAL
tON
tOFF
VDD = 3.3V ±10%
tVAL
LAD3-LAD0,
SERIRQ
Output Enabled
0.4 VDD
0.4 VDD
LCLK
LAD3-LAD0, LFRAME
LRESET, SERIRQ
Inputs
VDD = 3.3V ±10%
tHL
tSU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com