Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 199 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 199 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 195Page - PMC-Sierra, Inc PM6344 Datasheet HTML 196Page - PMC-Sierra, Inc PM6344 Datasheet HTML 197Page - PMC-Sierra, Inc PM6344 Datasheet HTML 198Page - PMC-Sierra, Inc PM6344 Datasheet HTML 199Page - PMC-Sierra, Inc PM6344 Datasheet HTML 200Page - PMC-Sierra, Inc PM6344 Datasheet HTML 201Page - PMC-Sierra, Inc PM6344 Datasheet HTML 202Page - PMC-Sierra, Inc PM6344 Datasheet HTML 203Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 256 page
background image
Sa6
Sa7
Sa8
Sa7
Sa7
Sa7
Sa8
Sa8
Sa8
Parity bits may
replace these bits
bit type
framer #
Si
4
Si : International bit
U: Undefined bit
1:
Logic 1 bit
A:
Remote Alarm Indication
Sa
x: National bit x
Si
1 U1 Si22 Si3 3 Si44 111 12
2 13
3 14 4 A
MRCLK
MRD
U
U
U
U
U
U
U
3
3
4
4
1
1
2
23
3
44
1
1
2
2
3
3
4 U4
Sa6
U
11 U1 12 U2 13 U3 14 U4 2 1 U1 2 2 U2 2 3 U3 24 U4 3
1
6 3 b
3 64 b4 7 c 7 c 7 c 7 c 8 d 8 d 8 d 8 d4
MRCLK
MRD
Timeslot 1
Timeslot 0
Timeslot 31
1
MRD
MRFPI
MRCLK
1
Signalling bit
bit #
framer #
U
U
U
U
U
U
U
U
11
22
3
3
4
4
1
1
2233
4
4
U
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com