Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 202 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 202 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 198Page - PMC-Sierra, Inc PM6344 Datasheet HTML 199Page - PMC-Sierra, Inc PM6344 Datasheet HTML 200Page - PMC-Sierra, Inc PM6344 Datasheet HTML 201Page - PMC-Sierra, Inc PM6344 Datasheet HTML 202Page - PMC-Sierra, Inc PM6344 Datasheet HTML 203Page - PMC-Sierra, Inc PM6344 Datasheet HTML 204Page - PMC-Sierra, Inc PM6344 Datasheet HTML 205Page - PMC-Sierra, Inc PM6344 Datasheet HTML 206Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
189
The Transmit Backplane is configured to expect bit interleaved 16.384MHz data.
PCM and signaling for all four receivers are presented on a single pin, MTD. The
superscripts represent the index of the particular E1 stream. The Transmit
Backplane Options register for each receiver is programmed with BRX2RAIL=0.
For input frame pulses shown in the preceding figure, BTXMFP=0. The MENB
input is low.
Note that in normal operation, where the TRAN block inserts all the TS0
overhead, the PCM inputs on MTD are "don't cares" for TS0 and TS16. The
preceding diagram shows the TS0 bits for timing reference purposes only.
If the backplane transmit parity is enabled, the International bit (Si bit) position of
the PCM data stream in each frame should contain the PCM parity bit. The
parity bit of each SIG stream follows the parity bit of the PCM data stream.
In the case where MENB=0 and BTXMFP=1, the input MTFP marks the start of
the signaling multiframe and the start of the CRC multiframe as described in the
description of the Transmit Backplane Options register. The waveforms for this
case are shown in Fig. 21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com