Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 200 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 200 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 196Page - PMC-Sierra, Inc PM6344 Datasheet HTML 197Page - PMC-Sierra, Inc PM6344 Datasheet HTML 198Page - PMC-Sierra, Inc PM6344 Datasheet HTML 199Page - PMC-Sierra, Inc PM6344 Datasheet HTML 200Page - PMC-Sierra, Inc PM6344 Datasheet HTML 201Page - PMC-Sierra, Inc PM6344 Datasheet HTML 202Page - PMC-Sierra, Inc PM6344 Datasheet HTML 203Page - PMC-Sierra, Inc PM6344 Datasheet HTML 204Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
187
The Receive Backplane is configured to generate bit interleaved 16.384MHz
data. PCM and signaling for all four receivers are presented on a single pin,
MRD. The superscripts represent the index of the particular E1 stream. The
Receive Backplane Options register for each receiver is programmed to
BRX2RAIL=0 and the MENB input is low. The preceding figure shows the
expected outputs if all four E1 framers are outputting NFAS frames.
If the BRPTYPE bit in the Backplane Parity Configuration and Status register is
set to logic 1, the backplane receive parity is enabled. The International bit (Si
bit) of the PCM data stream in each frame is replaced by the parity value
calculated over the previous frame (not counting the parity bit of the previous
frame). The parity bit of each SIG stream follows the parity bit of the PCM data
stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com