Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 205 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 205 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 201Page - PMC-Sierra, Inc PM6344 Datasheet HTML 202Page - PMC-Sierra, Inc PM6344 Datasheet HTML 203Page - PMC-Sierra, Inc PM6344 Datasheet HTML 204Page - PMC-Sierra, Inc PM6344 Datasheet HTML 205Page - PMC-Sierra, Inc PM6344 Datasheet HTML 206Page - PMC-Sierra, Inc PM6344 Datasheet HTML 207Page - PMC-Sierra, Inc PM6344 Datasheet HTML 208Page - PMC-Sierra, Inc PM6344 Datasheet HTML 209Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
192
13.1 Using the Internal FDL Transmitter
Upon reset of the EQUAD, the XFDL should be disabled by setting the EN bit in
the XFDL Configuration Register to logic 0. If data is not ready to be transmitted,
the TDLINT[x] output should also be masked by setting the INTE bit to logic 0.
When using the internal HDLC transmitter, the XFDL Configuration Register
should be initialized for transmission: if the FCS is desired, the CRC bit should be
set to logic 1; if the block is to be used in interrupt driven mode, interrupts should
be enabled by setting the INTE bit to logic 1. Finally, the XFDL can be enabled
by setting the EN bit to logic 1. If no message is sent after the EN bit is set to
logic 1, continuous flags will be sent.
The XFDL can be used in a polled, interrupt driven, or DMA-controlled mode for
the transfer of frame data. In the polled mode, the TDLINT[x] and TDLUDR[x]
outputs of the XFDL are not used, and the processor controlling the XFDL must
periodically read the XFDL Status Register to determine when to write to the
XFDL Transmit Data Register. In the interrupt driven mode, the processor
controlling the XFDL uses either the TDLINT[x] output, or the main processor
INTB output and the interrupt source registers, to determine when to write to the
XFDL Transmit Data Register. In the DMA controlled mode, the TDLINT[x] output
of the XFDL is used as a DMA request input to the DMA controller, and the
TDLUDR[x] output is used as an interrupt to the processor to allow handling of
exceptions. The TDLUDR[x] output can also be enabled to generate a processor
interrupt through the common INTB output via the TDLUDRE bit in the Datalink
Options register.
Polled Mode
If the XFDL data transfer is operating in the polled mode (TXDMASIG,
TFRACE1, TDLINTE, and TDLUDRE bits in the Datalink Options Register are set
to logic 0), then a timer periodically starts up a service routine, which should
process data as follows:
1. Read the XFDL Interrupt Status Register and poll the UDR and INT bits.
2. If UDR=1, then clear the UDR bit in the XFDL Interrupt Status Register to
logic 0, and restart the current frame. Go to step 1.
3. If INT=1, then:
a) If there is still data to send, then write the next data byte to the XFDL
Transmit Data Register;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com