Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 206 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 206 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 202Page - PMC-Sierra, Inc PM6344 Datasheet HTML 203Page - PMC-Sierra, Inc PM6344 Datasheet HTML 204Page - PMC-Sierra, Inc PM6344 Datasheet HTML 205Page - PMC-Sierra, Inc PM6344 Datasheet HTML 206Page - PMC-Sierra, Inc PM6344 Datasheet HTML 207Page - PMC-Sierra, Inc PM6344 Datasheet HTML 208Page - PMC-Sierra, Inc PM6344 Datasheet HTML 209Page - PMC-Sierra, Inc PM6344 Datasheet HTML 210Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
193
b) If all bytes in the frame have been sent, then set the EOM bit in the XFDL
Configuration Register to logic 1.
4. If EOM bit was set to logic 1 in step 3b, then:
a) Read the XFDL Interrupt Status Register and check the UDR bit.
b) If UDR=1 then reset the UDR bit in the XFDL Interrupt Status Register
and the EOM bit in the XFDL Configuration Register to logic 0, and retransmit
the last frame.
5. Go to step 1.
Interrupt Mode
In the case of interrupt driven data transfer, the TDLINT[x] output is connected to
the interrupt input of the processor, and the interrupt service routine should
process the data exactly as described above for the polled mode. The INTE bit in
the XFDL Configuration Register must be set to logic 1. Alternately, the INTB
output can be connected to the interrupt input of the processor if the TDLINTE bit
of the Datalink Options Register is set to logic 1. If this mode is used, additional
polling of the Interrupt ID/Clock Monitor and Master Interrupt Source registers
must be performed to identify the cause of the interrupt before the initiating the
interrupt service routine.
DMA-Controlled Mode
The XFDL can also be used with a DMA controller to process the frame data. In
this case, the TDLUDR[x] output is connected to the processor interrupt input.
The TDLINT[x] output of the XFDL is connected to the DMA request input of the
DMA controller. The INTE bit in the XFDL Configuration Register must be set to
logic 1 before enabling the XFDL. The DMA controller writes a data byte to the
XFDL whenever the TDLINT[x] output is high. If there is a problem during
transmission and an underrun condition occurs, then the TDLUDR[x] output goes
high and the processor is interrupted. The processor can then halt the DMA
controller, reset the UDR bit in the XFDL Interrupt Status Register, reset the
frame data pointers, and restart the DMA controller to resend the data frame.
After the message transmission is completed, the DMA controller must initiate a
write to set the EOM bit in the XFDL Configuration Register and then verify that
TDLUDR[x] is not set prior to setting EOM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com