Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 161 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 161 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 157Page - PMC-Sierra, Inc PM6344 Datasheet HTML 158Page - PMC-Sierra, Inc PM6344 Datasheet HTML 159Page - PMC-Sierra, Inc PM6344 Datasheet HTML 160Page - PMC-Sierra, Inc PM6344 Datasheet HTML 161Page - PMC-Sierra, Inc PM6344 Datasheet HTML 162Page - PMC-Sierra, Inc PM6344 Datasheet HTML 163Page - PMC-Sierra, Inc PM6344 Datasheet HTML 164Page - PMC-Sierra, Inc PM6344 Datasheet HTML 165Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
148
Reserved:
The reserved bit must be programmed to logic 0 for proper operation.
IND:
The IND bit controls the microprocessor access type: either indirect or direct.
The IND bit must be set to logic 1 for proper operation. When the EQUAD is
reset, the IND bit is set low, disabling the indirect access mode.
PCCE:
The PCCE bit enables the per-timeslot functions. When the PCCE bit is set
to a logic 1, data inversion, trunk conditioning and signaling debouncing are
performed on a per-timeslot basis. When the PCCE bit is set to logic 0, the
per-timeslot functions are disabled.
Upon reset of the EQUAD, the ACCEL, MTKC, IND, and PCCE bits are all set to
logic 0 disabling µP indirect access and per-timeslot functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com