Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 158 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 158 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 154Page - PMC-Sierra, Inc PM6344 Datasheet HTML 155Page - PMC-Sierra, Inc PM6344 Datasheet HTML 156Page - PMC-Sierra, Inc PM6344 Datasheet HTML 157Page - PMC-Sierra, Inc PM6344 Datasheet HTML 158Page - PMC-Sierra, Inc PM6344 Datasheet HTML 159Page - PMC-Sierra, Inc PM6344 Datasheet HTML 160Page - PMC-Sierra, Inc PM6344 Datasheet HTML 161Page - PMC-Sierra, Inc PM6344 Datasheet HTML 162Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
145
Registers 03DH, 0BDH, 13DH and 1BDH: Backplane Parity Configuration
and Status
Bit
Type
Function
Default
Bit 7
R/W
BTPTYP
0
Bit 6
R/W
BTPRTYE
0
Bit 5
R
BTPCMPI
X
Bit 4
R
BTSIGPI
X
Bit 3
Unused
X
Bit 2
Unused
X
Bit 1
R/W
BRPTYP
0
Bit 0
R/W
BRPRTYE
0
These registers provide control and status reporting of data integrity checking on
the backplane buses. Parity bits in the first bit position of TS0 (henceforth called
the PRTY-bit position) represents parity over the previous frame (excluding the
parity bit) for the PCM and SIG data streams. BRX2RAIL must be set to logic 0.
BTPTYP:
The transmit backplane parity type (BTPTYP) bit sets even or odd parity in
the transmit streams. If BTPTYP is a logic zero, then the expected parity
value in the PRTY-bit position of BTPCM[x] and BTSIG[x] is even, thus it is a
one if the number of ones in the previous frame (excluding the PRTY-bit) is
odd. If BTPTYP is a logic one, then the expected parity value in the PRTY-bit
position of BTPCM[x] and BTSIG[x] is odd, thus it is a one if the number of
ones in the previous frame (excluding the PRTY-bit) is even.
BTPRTYE:
The BTPRTYE bit enables transmit parity interrupts. When set a logic one,
parity errors on inputs BTPCM[x] and BTSIG[x] are indicated by the BTPCMI
and BTSIGI bits, respectively, and by the INTB output. When set to logic
zero, parity errors are indicated by the BTPCMI and BTSIGI status bits but
are not indicated on the INTB output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com