Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 155 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 155 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 151Page - PMC-Sierra, Inc PM6344 Datasheet HTML 152Page - PMC-Sierra, Inc PM6344 Datasheet HTML 153Page - PMC-Sierra, Inc PM6344 Datasheet HTML 154Page - PMC-Sierra, Inc PM6344 Datasheet HTML 155Page - PMC-Sierra, Inc PM6344 Datasheet HTML 156Page - PMC-Sierra, Inc PM6344 Datasheet HTML 157Page - PMC-Sierra, Inc PM6344 Datasheet HTML 158Page - PMC-Sierra, Inc PM6344 Datasheet HTML 159Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
142
Register 03BH, 0BBH, 13BH, 1BBH: RFDL Receive Data
Bit
Type
Function
Default
Bit 7
R
RD7
X
Bit 6
R
RD6
X
Bit 5
R
RD5
X
Bit 4
R
RD4
X
Bit 3
R
RD3
X
Bit 2
R
RD2
X
Bit 1
R
RD1
X
Bit 0
R
RD0
X
The RFDL Receive Data Register is filled starting from the MSB bit position
(RD7) and the data bits are shifted to lower bit positions as more bits are
received, with one to eight data bits being valid. The number of valid bits is equal
to 1 plus the value of NVB[2:0] from the RFDL Status Register. An NVB[2:0]
value of 111 indicates that RD[7:0] contain valid data bits where RD0
corresponds to the first bit of the serial byte received by the RFDL.
These registers are actually 4 level FIFOs. If data is available, the FE bit in the
RFDL Status register is low. If INTC[1:0] (in the RFDL Interrupt Control/Status
register) is set to 01, this register must be read within 31 data bit periods to
prevent an overrun. If INTC[1:0] is set to 11, this register must be read within 15
data bit periods.
When an overrun is detected, an interrupt is generated and the FIFO is held
cleared until the Status register is read. When the LAPD abort sequence
(01111111) is detected in the data an ABORT interrupt is generated and the
data that has been shifted into the serial to parallel converter is written into the
FIFO.
A read of this register increments the FIFO pointer at the end of the read. If this
register read causes a FIFO underrun, then the pointer is inhibited from
incrementing. The underrun condition will be signaled in the next RFDL Status
register read by returning all zeros.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com