Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 152 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 152 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 148Page - PMC-Sierra, Inc PM6344 Datasheet HTML 149Page - PMC-Sierra, Inc PM6344 Datasheet HTML 150Page - PMC-Sierra, Inc PM6344 Datasheet HTML 151Page - PMC-Sierra, Inc PM6344 Datasheet HTML 152Page - PMC-Sierra, Inc PM6344 Datasheet HTML 153Page - PMC-Sierra, Inc PM6344 Datasheet HTML 154Page - PMC-Sierra, Inc PM6344 Datasheet HTML 155Page - PMC-Sierra, Inc PM6344 Datasheet HTML 156Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
139
Register 03AH, 0BAH, 13AH, 1BAH: RFDL Status
Bit
Type
Function
Default
Bit 7
R
FE
1
Bit 6
R
OVR
0
Bit 5
R
FLG
0
Bit 4
R
EOM
0
Bit 3
R
CRC
0
Bit 2
R
NVB2
1
Bit 1
R
NVB1
1
Bit 0
R
NVB0
1
The FLG and EOM bits in this register contain values which correspond to the
last byte read from the RFDL Data Register.
FE:
The FIFO Empty bit (FE) is high when the last FIFO entry is read and goes
low when the FIFO is loaded with new data.
OVR:
The Receiver Overrun bit (OVR) is set when data is written over unread data
in the FIFO. This bit is not reset until after the RFDL Status register is read.
While OVR is high, the RFDL and FIFO are held in the reset state, causing
the FLG and EOM bits in the status register to be reset also.
FLG:
The flag bit (FLG) is set if the RFDL has detected the presence of the LAPD
flag sequence (01111110) in the data. FLG is reset only when the LAPD
abort sequence (01111111) is detected in the data or when the RFDL is
disabled. This bit is passed through the FIFO with the Data so that the status
of this bit will correspond to the data just read from the RFDL Data Register.
The reception of bit-oriented codes over the data link will also force an abort
due to its eight ones pattern.
EOM:
The End of Message bit (EOM) follows the RDLEOM[x] output. It is set
when:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com