Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 150 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 150 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 146Page - PMC-Sierra, Inc PM6344 Datasheet HTML 147Page - PMC-Sierra, Inc PM6344 Datasheet HTML 148Page - PMC-Sierra, Inc PM6344 Datasheet HTML 149Page - PMC-Sierra, Inc PM6344 Datasheet HTML 150Page - PMC-Sierra, Inc PM6344 Datasheet HTML 151Page - PMC-Sierra, Inc PM6344 Datasheet HTML 152Page - PMC-Sierra, Inc PM6344 Datasheet HTML 153Page - PMC-Sierra, Inc PM6344 Datasheet HTML 154Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
137
Register 039H, 0B9H, 139H, 1B9H: RFDL Interrupt Control/Status
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
R/W
INTC1
0
Bit 1
R/W
INTC0
0
Bit 0
R
INT
0
INTC1,INTC0:
The INTC1 and INTC0 bits control when an interrupt is asserted based on the
number of received data bytes in the FIFO as follows:
INTC1
INTC0
Description
0
0
Disable interrupts (All sources)
0
1
Enable interrupt when FIFO receives data
1
0
Enable interrupt when FIFO has 2 bytes of
data
1
1
Enable interrupt when FIFO has 3 bytes of
data
INT:
The INT bit reflects the status of the external RDLINT[x] interrupt unless the
INTC1 and INTC0 bits are set to disable interrupts. In that case, the
RDLINT[x] output is forced to 0 and the INT bit of this register will reflect the
state of the internal interrupt latch.
In addition to the FIFO fill status, interrupts are also generated for EOM (end of
message), OVR (FIFO overrun), detection of the abort sequence while not
receiving all ones and on detection of the first flag while receiving all ones. The
interrupt is reset by a RFDL Receive Data Register read that empties the FIFO,
unless the cause of the interrupt was due to a FIFO overrun. The interrupt due to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com