Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 147 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 147 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 143Page - PMC-Sierra, Inc PM6344 Datasheet HTML 144Page - PMC-Sierra, Inc PM6344 Datasheet HTML 145Page - PMC-Sierra, Inc PM6344 Datasheet HTML 146Page - PMC-Sierra, Inc PM6344 Datasheet HTML 147Page - PMC-Sierra, Inc PM6344 Datasheet HTML 148Page - PMC-Sierra, Inc PM6344 Datasheet HTML 149Page - PMC-Sierra, Inc PM6344 Datasheet HTML 150Page - PMC-Sierra, Inc PM6344 Datasheet HTML 151Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
134
Register 035H, 0B5H, 135H, 1B5H: XFDL Interrupt Status
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
Unused
X
Bit 1
R
INT
1
Bit 0
R/W
UDR
0
INT:
The INT bit indicates when the XFDL block is ready to accept a new data byte
for transmission. The INT bit is set to a logic 1 when the previous byte in the
Transmit Data register has been loaded into the parallel to serial converter
and a new byte can be written into the XFDL Transmit Data register. The INT
bit is set to a logic 0 while new data is in the Transmit Data register. The INT
bit is not disabled by the INTE bit in the configuration register.
UDR:
The UDR bit indicates when the XFDL block has underrun the data in the
XFDL Transmit Data register. The UDR bit is set to a logic 1 if the parallel to
serial conversion of the last byte in the XFDL Transmit Data register has
completed before the new byte was written into the XFDL Transmit Data
register. Once an underrun has occurred, the XFDL transmits an ABORT,
followed by a flag, and waits to transmit the next valid data byte. If the UDR bit
is still set after the transmission of the flag the XFDL will continuously transmit
the all-ones idle pattern. The UDR bit can only be cleared by writing a logic 0
to the UDR bit position in this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com