Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 149 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 149 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 145Page - PMC-Sierra, Inc PM6344 Datasheet HTML 146Page - PMC-Sierra, Inc PM6344 Datasheet HTML 147Page - PMC-Sierra, Inc PM6344 Datasheet HTML 148Page - PMC-Sierra, Inc PM6344 Datasheet HTML 149Page - PMC-Sierra, Inc PM6344 Datasheet HTML 150Page - PMC-Sierra, Inc PM6344 Datasheet HTML 151Page - PMC-Sierra, Inc PM6344 Datasheet HTML 152Page - PMC-Sierra, Inc PM6344 Datasheet HTML 153Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
136
Register 038H, 0B8H, 138H, 1B8H: RFDL Configuration
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
Unused
X
Bit 1
R/W
TR
0
Bit 0
R/W
EN
0
TR:
Setting the terminate reception bit (TR) forces the RFDL block to immediately
terminate the reception of the current LAPD frame, empty the FIFO, clear the
interrupts, and begin searching for a new flag sequence. The RFDL handles
the TR input in the same manner as if the EN bit had been cleared and then
set. The TR bit in the Configuration register will reset itself after a rising and
falling edge have occurred on the CLK input to the RFDL block once the write
to this register has completed and WRB goes inactive. If the Configuration
register is read after this time, the TR bit value returned will be zero.
EN:
The enable bit (EN) controls the overall operation of the RFDL block. When
set, the RDFL block is enabled; when reset the RFDL block is disabled.
When the block is disabled, the FIFO and interrupts are all cleared, however,
the programming of the RFDL Interrupt Control/Status register is not affected.
When the block is enabled, it will immediately begin looking for flags.
The RFDL block handles the TR input in the same manner as clearing and
setting the EN bit, therefore, the RFDL state machine will begin searching for
flags and an interrupt will be generated when the first flag is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com