Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 153 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 153 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 149Page - PMC-Sierra, Inc PM6344 Datasheet HTML 150Page - PMC-Sierra, Inc PM6344 Datasheet HTML 151Page - PMC-Sierra, Inc PM6344 Datasheet HTML 152Page - PMC-Sierra, Inc PM6344 Datasheet HTML 153Page - PMC-Sierra, Inc PM6344 Datasheet HTML 154Page - PMC-Sierra, Inc PM6344 Datasheet HTML 155Page - PMC-Sierra, Inc PM6344 Datasheet HTML 156Page - PMC-Sierra, Inc PM6344 Datasheet HTML 157Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
140
1) The last byte in the LAPD frame (EOM) is being read from the Receive
Data Register,
2) An abort sequence is detected while not in the receiving all-ones state
and the byte, written to the FIFO due to the detection of the abort sequence,
is being read from the FIFO,
3) The first flag has been detected and the dummy byte, written into the
FIFO when the RFDL changes from the receiving all-ones state to the
receiving flags state, is being read from the FIFO,
4) Immediately on detection of FIFO overrun.
The EOM bit is passed through the FIFO with the Data so that the status of
this bit will correspond to the data just read from the RFDL Data Register.
CRC:
The CRC bit is set if a CRC error was detected in the last received HDLC
frame. The CRC bit is only valid when EOM is logic 1 and FLG is a logic 1
and OVR is a logic 0.
NVB[2:0]:
The NVB[2:0] bit positions indicate the number of valid bits in the RFDL
Receive Data Register byte. It is possible that not all of the bits in the RFDL
Receive Data Register are valid when the last data byte is read since the data
frame can be any number of bits in length and not necessarily an integral
number of bytes. The RFDL Receive Data Register is filled starting from the
MSB bit position (RD7) and the data bits are shifted to lower bit positions as
more bits are received, with one to eight data bits being valid. The number of
valid bits is equal to 1 plus the value of NVB[2:0]. An NVB[2:0] value of 000
binary indicates that only the FE bit in this register is valid. An NVB[2:0] value
of 011 indicates that RD[7:4] contain valid data bits where RD4 is the data bit
that was received first. NVB[2:0] is only valid when the EOM bit is a logic 1
and the FLG bit is a logic 1 and the OVR bit is a logic 0.
On an interrupt generated from the detection of the first flag, reading the RFDL
Status register will return invalid NVB[2:0] and CRC bits, even though the EOM
bit is logic 1 and the FLG bit is logic 1.
If the Receive Data register is read while there is no valid data, then a FIFO
underrun condition occurs. The underrun condition is reflected in the Status
register by forcing all bits to logic zero on the first Status register read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com