Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 159 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 159 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 155Page - PMC-Sierra, Inc PM6344 Datasheet HTML 156Page - PMC-Sierra, Inc PM6344 Datasheet HTML 157Page - PMC-Sierra, Inc PM6344 Datasheet HTML 158Page - PMC-Sierra, Inc PM6344 Datasheet HTML 159Page - PMC-Sierra, Inc PM6344 Datasheet HTML 160Page - PMC-Sierra, Inc PM6344 Datasheet HTML 161Page - PMC-Sierra, Inc PM6344 Datasheet HTML 162Page - PMC-Sierra, Inc PM6344 Datasheet HTML 163Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
146
BTPCMI:
The BTPCMI bit indicates if a parity error has been detected on the
BTPCM[x] input. This bit is cleared when this register is read. Odd or even
parity is selected by the BTPTYP bit.
BTSIGI:
The BTSIGI bit indicates if a parity error has been detected on the BTSIG[x]
input. This bit is cleared when this register is read. Odd or even parity is
selected by the BTPTYP bit.
BRPTYP:
The receive backplane parity type (BRPTYP) bit sets even or odd parity in the
receive streams. If BRPTYP is a logic zero, then the parity value in the PRTY-
bit position of BRPCM[x] and BRSIG[x] is even, thus it is a one if the number
of ones in the previous frame (excluding the PRTY-bit) is odd. If BRPTYP is a
logic one, then the parity value in the PRTY-bit position of BRPCM[x] and
BRSIG[x] is odd, thus it is a one if the number of ones in the previous frame
(excluding the PRTY-bit) is even. BRPTYP only has effect if BRPRTYE is a
logic one.
BRPRTYE:
The BRPRTYE bit enables receive parity insertion. When set a logic one,
parity is inserted into the PRTY-bit position of the BRPCM[x] and BRSIG[x]
streams. When set to logic zero, the data in the PRTY-bit position passes
through unaltered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com