Electronic Components Datasheet Search
  English  ▼

X  

S124 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # S124
Description  32-bit ARM Cortex-M0 microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S124 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button S124 Datasheet HTML 30Page - Renesas Technology Corp S124 Datasheet HTML 31Page - Renesas Technology Corp S124 Datasheet HTML 32Page - Renesas Technology Corp S124 Datasheet HTML 33Page - Renesas Technology Corp S124 Datasheet HTML 34Page - Renesas Technology Corp S124 Datasheet HTML 35Page - Renesas Technology Corp S124 Datasheet HTML 36Page - Renesas Technology Corp S124 Datasheet HTML 37Page - Renesas Technology Corp S124 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 98 page
background image
R01DS0264EU0100 Rev.1.00
Page 34 of 95
Feb 23, 2016
S124
2. Electrical Characteristics
2.2.8
IIC I/O Pin Output Characteristics
Figure 2.16
VOH/VOL and IOH/IOL Voltage Characteristics at Ta = 25°C
0123
456
0
10
20
30
40
50
60
70
80
90
100
110
120
IOL vs VOL
VOL [V]
VCC = 2.7V (Low drive)
VCC = 3.3V (Low drive)
VCC = 5.5V (Low drive)
VCC = 5.5 V (Middle drive)
VCC = 3.3V (Middle drive)
VCC = 2.7V (Middle drive)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com