Electronic Components Datasheet Search
  English  ▼

X  

S124 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # S124
Description  32-bit ARM Cortex-M0 microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S124 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button S124 Datasheet HTML 38Page - Renesas Technology Corp S124 Datasheet HTML 39Page - Renesas Technology Corp S124 Datasheet HTML 40Page - Renesas Technology Corp S124 Datasheet HTML 41Page - Renesas Technology Corp S124 Datasheet HTML 42Page - Renesas Technology Corp S124 Datasheet HTML 43Page - Renesas Technology Corp S124 Datasheet HTML 44Page - Renesas Technology Corp S124 Datasheet HTML 45Page - Renesas Technology Corp S124 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 98 page
background image
R01DS0264EU0100 Rev.1.00
Page 42 of 95
Feb 23, 2016
S124
2. Electrical Characteristics
Note 1. Time until the clock can be used after the main clock oscillator stop bit (MOSCCR.MOSTP) is set to 0 (operating)
when the external clock is stable.
Note 2. After changing the setting of the SOSCCR.SOSTP bit so that the sub-clock oscillator operates, only start using
the sub-clock after the sub-clock oscillation stabilization wait time that is equal to or greater than the oscillator
manufacturer’s recommended value has elapsed.
Note 3. The 48-MHz HOCO can be used within a VCC range of 1.8 V to 5.5 V.
Note 4. The 64-MHz HOCO can be used within a VCC range of 2.4 V to 5.5 V.
Note 5. This is a characteristic when the HOCOCR.HCSTP bit is cleared to 0 (oscillation) in the MOCO stop state.
When the HOCOCR.HCSTP bit is cleared to 0 (oscillation) during MOCO oscillation, this specification is
shortened by 1 μs.
Note 6. Check OSCSF.HOCOSF to confirm whether stabilization time has elapsed.
Figure 2.18
XTAL external clock input timing
Figure 2.19
LOCO clock oscillation start timing
Figure 2.20
HOCO clock oscillation start timing (started by setting the HOCOCR.HCSTP bit)
Figure 2.21
Sub-clock oscillation start timing
Sub-clock oscillation stabilization time*2
tSUBOSC
-0.5
-s
Figure 2.21
Table 2.21
Clock timing (2/2)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
tXH
tXcyc
XTAL external clock input
VCC × 0.5
tXL
tXr
tXf
LOCO clock oscillator output
LOCOCR.LCSTP
tLOCO
HOCO clock
HOCOCR.HCSTP
tHOCOx
*1
Note 1.
x = 24, 32, 48, 64
Sub-clock oscillator output
SOSCCR.SOSTP
tSUBOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com