Electronic Components Datasheet Search
  English  ▼

X  

S124 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # S124
Description  32-bit ARM Cortex-M0 microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S124 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button S124 Datasheet HTML 33Page - Renesas Technology Corp S124 Datasheet HTML 34Page - Renesas Technology Corp S124 Datasheet HTML 35Page - Renesas Technology Corp S124 Datasheet HTML 36Page - Renesas Technology Corp S124 Datasheet HTML 37Page - Renesas Technology Corp S124 Datasheet HTML 38Page - Renesas Technology Corp S124 Datasheet HTML 39Page - Renesas Technology Corp S124 Datasheet HTML 40Page - Renesas Technology Corp S124 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 98 page
background image
R01DS0264EU0100 Rev.1.00
Page 37 of 95
Feb 23, 2016
S124
2. Electrical Characteristics
Note 3. VCC = 3.3 V.
Note 4. Includes the current of low-speed on-chip oscillator or sub-oscillation circuit.
Note 1. The reference power supply current is included in the power supply current value for D/A conversion.
Note 2. Current is consumed only by the USBFS.
Note 3. Includes the current supplied from the pull-up resistor of the USB_DP pin to the pull-down resistor of the host
device, in addition to the current consumed by the MCU in the suspended state.
Note 4. When VCC = VCC_USB = 3.3 V.
Table 2.13
Operating and standby current (3)
Conditions: VCC = AVCC0 = 1.6 to 5.5 V
Item
Symbol Min
Typ
Max
Unit
Test
conditions
Analog power
supply current
During A/D conversion (at high-speed conversion)
IAVCC
--
3.0
mA
-
During A/D conversion (at low-power conversion)
-
-
1.0
mA
-
During D/A conversion*1
-0.4
0.8
mA
-
Waiting for A/D and D/A conversion (all units)
-
-
1.0
μA-
Reference
power supply
current
During A/D conversion (at high-speed conversion)
IREFH0
-
-
150
μA-
Waiting for A/D conversion (all units)
-
-
60
nA
-
Temperature sensor
ITNS
-75
-
μA-
Low-power
analog
comparator
(ACMPLP)
operating
current
Window mode
ICMPLP
-15
-
μA-
Comparator high-speed mode
-
10
-
μA-
Comparator low-speed mode
-
2
-
μA-
USB operating
current
During USB communication under the following
settings and conditions:
 Function controller is in Full-Speed mode and
- Bulk OUT transfer is (64 bytes) × 1
- Bulk IN transfer is (64 bytes) × 1
 Host device is connected by a 1-meter USB cable
from the USB port.
IUSBF*2
-
3.6 (VCC)
1.1 (VCC_USB)*4
-mA
-
During suspended state under the following setting
and conditions:
 Function controller is in Full-Speed mode (the
USB_DP pin is pulled up)
 Software Standby mode
 Host device is connected by a 1-meter USB cable
from the USB port.
ISUSP*3
-
0.35 (VCC)
170 (VCC_USB)*4
-
μA-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com