Electronic Components Datasheet Search
  English  ▼

X  

S124 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # S124
Description  32-bit ARM Cortex-M0 microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S124 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button S124 Datasheet HTML 52Page - Renesas Technology Corp S124 Datasheet HTML 53Page - Renesas Technology Corp S124 Datasheet HTML 54Page - Renesas Technology Corp S124 Datasheet HTML 55Page - Renesas Technology Corp S124 Datasheet HTML 56Page - Renesas Technology Corp S124 Datasheet HTML 57Page - Renesas Technology Corp S124 Datasheet HTML 58Page - Renesas Technology Corp S124 Datasheet HTML 59Page - Renesas Technology Corp S124 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 98 page
background image
R01DS0264EU0100 Rev.1.00
Page 56 of 95
Feb 23, 2016
S124
2. Electrical Characteristics
Figure 2.40
SCI simple SPI mode timing (slave, CKPH = 0)
Note:
tIICcyc: IIC internal reference clock (IICφ) cycle.
Note 1. Cb indicates the total capacity of the bus line.
Table 2.34
SCI timing (3)
Conditions: VCC = AVCC0 = 2.7 to 5.5 V
Item
Symbol
Min
Max
Unit
Test conditions
Simple IIC
(Standard mode)
SDA input rise time
tSr
-
1000
ns
Figure 2.41
SDA input fall time
tSf
-
300
ns
SDA input spike pulse removal time
tSP
04 × tIICcyc
ns
Data input setup time
tSDAS
250
-
ns
Data input hold time
tSDAH
0
-
ns
SCL, SDA capacitive load
Cb*1
-
400
pF
Simple IIC
(Fast mode)
SCL, SDA input rise time
tSr
-
300
ns
Figure 2.41
SCL, SDA input fall time
tSf
-
300
ns
SCL, SDA input spike pulse removal time tSP
04 × tIICcyc
ns
Data input setup time
tSDAS
100
-
ns
Data input hold time
tSDAH
0
-
ns
SCL, SDA capacitive load
Cb*1
-
400
pF
tDr, tDf
tSA
tOH
tLEAD
tTD
tLAG
tH
LSB OUT
(Last data)
DATA
MSB OUT
MSB IN
DATA
LSB IN
MSB IN
LSB OUT
tSU
tOD
tREL
MSB OUT
SSn
input
SCKn
CKPOL = 1
input
SCKn
CKPOL = 0
input
MISOn
output
MOSIn
input
(n = 0, 1, 9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com