Electronic Components Datasheet Search
  English  ▼

X  

S124 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # S124
Description  32-bit ARM Cortex-M0 microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S124 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button S124 Datasheet HTML 31Page - Renesas Technology Corp S124 Datasheet HTML 32Page - Renesas Technology Corp S124 Datasheet HTML 33Page - Renesas Technology Corp S124 Datasheet HTML 34Page - Renesas Technology Corp S124 Datasheet HTML 35Page - Renesas Technology Corp S124 Datasheet HTML 36Page - Renesas Technology Corp S124 Datasheet HTML 37Page - Renesas Technology Corp S124 Datasheet HTML 38Page - Renesas Technology Corp S124 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 98 page
background image
R01DS0264EU0100 Rev.1.00
Page 35 of 95
Feb 23, 2016
S124
2. Electrical Characteristics
2.2.9
Operating and Standby Current
Table 2.11
Operating and standby current (1) (1/2)
Conditions: VCC = AVCC0 = 1.6 to 5.5 V
Item
Symbol
Typ*9
Max
Unit
Test
Conditions
Supply
current*1
High-speed
mode*2
Normal mode
All peripheral clock
disabled, code executing
from flash*5
ICLK = 32 MHz
ICC
3.6
-
mA
*7
ICLK = 16 MHz
2.4
-
ICLK = 8 MHz
1.7
-
All peripheral clock
disabled, CoreMark code
executing from flash*5
ICLK = 32 MHz
5.6
-
ICLK = 16 MHz
3.5
-
ICLK = 8 MHz
2.4
-
All peripheral clock
enabled, code executing
from flash*5
ICLK = 32 MHz
9.5
-
*8
ICLK = 16 MHz
5.4
-
ICLK = 8 MHz
3.3
-
All peripheral clock
enabled, code executing
from flash*5
ICLK = 32 MHz
-
21.0
Sleep mode
All peripheral clock
disabled*5
ICLK = 32 MHz
1.5
-
*7
ICLK = 16 MHz
1.1
-
ICLK = 8 MHz
0.9
-
All peripheral clock
enabled*5
ICLK = 32 MHz
7.2
-
*8
ICLK = 16 MHz
4.0
-
ICLK = 8 MHz
2.4
-
Increase during BGO operation*6
2.5
-
-
Middle-speed
mode*2
Normal mode
All peripheral clock
disabled, code executing
from flash*5
ICLK = 12 MHz
ICC
1.7
-
mA
*7
ICLK = 8 MHz
1.5
-
All peripheral clock
disabled, CoreMark code
executing from flash*5
ICLK = 12 MHz
2.7
-
ICLK = 8 MHz
1.9
-
All peripheral clock
enabled, code executing
from flash*5
ICLK = 12 MHz
3.9
-
*8
ICLK = 8 MHz
3.0
-
All peripheral clock
enabled, code executing
from flash*5
ICLK = 12 MHz
-
8.0
Sleep mode
All peripheral clock
disabled*5
ICLK = 12 MHz
0.8
-
*7
ICLK = 8 MHz
0.8
-
All peripheral clock
enabled*5
ICLK = 12 MHz
2.9
-
*8
ICLK = 8 MHz
2.2
-
Increase during BGO operation*6
2.5
-
-
Low-speed
mode*3
Normal mode
All peripheral clock
disabled, code executing
from flash*5
ICLK = 1 MHz
ICC
0.2
-
mA
*7
All peripheral clock
disabled, CoreMark code
executing from flash*5
ICLK = 1 MHz
0.3
-
All peripheral clock
enabled, code executing
from flash*5
ICLK = 1 MHz
0.4
-
*8
All peripheral clock
enabled, code executing
from flash*5
ICLK = 1 MHz
-
2.0
Sleep mode
All peripheral clock
disabled*5
ICLK = 1 MHz
0.2
-
*7
All peripheral clock
enabled*5
ICLK = 1 MHz
0.3
-
*8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com